Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM5886 Datasheet(PDF) 1 Page - Davicom Semiconductor, Inc.

Part # DM5886
Description  4-Channel 960H Video Decoders and Mixer and Audio Codecs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM5886 Datasheet(HTML) 1 Page - Davicom Semiconductor, Inc.

  DM5886 Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM5886 Datasheet HTML 2Page - Davicom Semiconductor, Inc. DM5886 Datasheet HTML 3Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DM5886
4-Channel 960H Video Decoders and Mixer and Audio Codecs
Product Brief
www.davicom.com.tw
1
Version: 1.0
March 1, 2013
1. Features
Video Decoder
Accepts NTSC (M), PAL (B, D, G, H, I,
M, Nc) and SONY 960H CCD
Camera
Each 2 of
the 4 video decoders
could be programmed to operate at
27 or 36MHz.
Hardware Fast Switch function
Fast Switch also controllable by
software or external pin
Software channel ID in active region
Four 10-bits video ADCs with built in
9/6.5 MHz analog low pass filter
Automatic gain control for Luminance
and Chrominance
Programmable brightness, contrast,
saturation, hue, and sharpness
5-H comb filter for YC separation
Chrominance line filter for PAL phase
error
DLL for video synchronization,
supports 27MHz crystal within
+/-1000 ppm variance
Advanced video synchronization for
weak and noisy CVBS. Supports
video signal transmitted by
500-meter long cable
Up to 3 CCIR656 output interfaces
which could be configured as 3 sets
of CCIR656 (36/27MHz) or 3 sets of
TDM2 (72/54MHz) or 3 set of TDM4
(144/108MHz)
Support line lock camera
Audio Codecs
Five audio ADCs and one audio
DAC are integrated
Master I2S/DSP playback, record
and audio-mixing
Supports extended I2S/DSP format
transmitting up to 16 audio channels
using one data pin
Audio cascade up to 16 channels
16-bit or 8-bit 48/24/16/8 KHz PCM
format
Video Mixer
Two SD mixers and one HD mixer.
Each mixer supports up to 4
channels
Two SD CCIR656 outputs
(36/27MHz) or one HD SMPTE
274M output (74.25MHz)
One TDM4 (144/108MHz) output
One optional TDM4 input as mixer
video sources.
Various mixing combinations.
Special H partition supported
Video mirror supported
Support both interlaced and
progressive mixer output
16-bit SDRAM interface
Miscellaneous
Use a single external 27MHz crystal
to support both 960H and 720H
video
Two programmable PLLs integrated
Slave I2C bus
Ultra low power consumption. Under
500mW for normal operation. Under
50mW for suspend mode.
128-pin LQFP package
(14mmx14mm)
1.8V core power, 3.3V analog
power and 1.8V analog power


Similar Part No. - DM5886

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM5885 DAVICOM-DM5885 Datasheet
71Kb / 3P
4-Channel Video Decoders and Mixer and Audio Codecs
More results

Similar Description - DM5886

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
TW2968 INTERSIL-TW2968 Datasheet
127Kb / 2P
8-Channel WD1 (960H)/D1 Compatible Video Decoders and Audio Codecs
March 19, 2013
logo
Davicom Semiconductor, ...
DM5865 DAVICOM-DM5865 Datasheet
68Kb / 3P
4-Channel 720H Video Decoders and Audio Codecs
DM5866 DAVICOM-DM5866 Datasheet
66Kb / 3P
4-Channel 960H Video Decoders and Audio Codecs
DM5885 DAVICOM-DM5885 Datasheet
71Kb / 3P
4-Channel Video Decoders and Mixer and Audio Codecs
logo
Intersil Corporation
TW2960 INTERSIL-TW2960 Datasheet
142Kb / 2P
4-CH 960H Video Decoders and Audio Codecs
January 18, 2012
TW2984 INTERSIL-TW2984 Datasheet
143Kb / 2P
4-CH WD1 (960H)/D1 Compatible Video Decoders and Audio Codecs
September 24, 2013
logo
Renesas Technology Corp
TW2960 RENESAS-TW2960 Datasheet
3Mb / 147P
4-CH 960H Video Decoders and Audio Codecs
Sep 6, 2012
TW2964 RENESAS-TW2964 Datasheet
3Mb / 139P
4-CH WD1 (960H)/D1 Compatible Video Decoders and Audio Codecs
April 11, 2014
TW2968 RENESAS-TW2968 Datasheet
5Mb / 196P
8-Channel WD1 (960H)/D1 Compatible Video Decoders and Audio Codecs
April 15, 2014
TW2984 RENESAS-TW2984 Datasheet
3Mb / 123P
4-CH WD1 (960H)/D1 Compatible Video Decoders and Audio Codecs
September 24, 2013
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com