Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM5886 Datasheet(PDF) 2 Page - Davicom Semiconductor, Inc.

Part # DM5886
Description  4-Channel 960H Video Decoders and Mixer and Audio Codecs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM5886 Datasheet(HTML) 2 Page - Davicom Semiconductor, Inc.

  DM5886 Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM5886 Datasheet HTML 2Page - Davicom Semiconductor, Inc. DM5886 Datasheet HTML 3Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DM5886
4-Channel 960H Video Decoders and Mixer and Audio Codecs
Product Brief
www.davicom.com.tw
2
Version: 1.0
March 1, 2013
2. General Description
The DM5886 is a high-end 4-channel video decoder
designed for cameras with Sony’s new 960H CCD
sensor. The DM5886 converts 4 channels of 9/6.5
MHz analog CVBS signals to 4 channels of digital
36/27 MHz CCIR656 signals. The DM5886 integrates
two internal PLLs, and decodes both 960H and 720H
videos using the same (27MHz) external clock source.
The DM5886 also features a patented fast switch
function. With the fast switch function, the DM5886
can decode up to 8 analog CVBS with little frame rate
loss.
The DM5886 includes two SD mixers and one HD
mixer. Each SD/HD mixer can multiplex up to 4 video
sources. In addition to two SD CCIR656 outputs or
one HD SMPTE 274M output, the DM5886 mixer can
output four D1 videos through one TDM4 interface.
The mixers support image mirror and H partition
functions. Both interlaced and progressive digital
video outputs are supported.
The DM5886 also includes five audio ADCs and one
audio DAC. Audio cascade up to 16 channels is also
supported.
2. Block Diagram



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com