Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM5960 Datasheet(PDF) 1 Page - Davicom Semiconductor, Inc.

Part # DM5960
Description  1-Channel 960H Video Decoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM5960 Datasheet(HTML) 1 Page - Davicom Semiconductor, Inc.

  DM5960 Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM5960 Datasheet HTML 2Page - Davicom Semiconductor, Inc. DM5960 Datasheet HTML 3Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DM5960
1-Channel 960H Video Decoder
Product Brief
www.davicom.com.tw
1
Version: 1.0
March 1, 2013
1. Features
Video Decoder
Accepts NTSC (M), PAL (B, D, G, H, I,
M, Nc) and SONY 960H CCD
Camera
Video decoder could be programmed
to operate at 27 or 36MHz.
Hardware Fast Switch function
Fast Switch also controllable by
software or external pin
Software channel ID in active region
10-bits video ADCs with built in 9/6.5
MHz analog low pass filter
Automatic gain control for Luminance
and Chrominance
Programmable brightness, contrast,
saturation, hue, and sharpness
5-H comb filter for YC separation
Support video interface YCbCr 4:2:2,
4:1:1, 4:2:0 format
Support mirror function
Chrominance line filter for PAL phase
error
DLL for video synchronization,
supports 27MHz crystal within
+/-1000 ppm variance
Advanced video synchronization for
weak and noisy CVBS. Supports
video signal transmitted by
500-meter long cable
Support line lock camera
Miscellaneous
Use a single external 27MHz crystal
to support both 960H and 720H
video
One programmable PLL integrated
Slave I2C bus
Ultra low power consumption. Under
150mW for normal operation. Under
50mW for suspend mode.
32-pin LQFP (5mmx5mm) or 32-pin
QFN (4mmx4mm) package
1.8V core power, 3.3V analog
power and 1.8V analog power


Similar Part No. - DM5960

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM5900 DAVICOM-DM5900 Datasheet
63Kb / 3P
1-Channel Video Decoder
logo
TOKYO SEIMITSU CO., LTD
DM59014 ACCRETECH-DM59014 Datasheet
3Mb / 20P
SURFCOM 쨌 CONTOURECORD Option
DM59103 ACCRETECH-DM59103 Datasheet
3Mb / 20P
SURFCOM 쨌 CONTOURECORD Option
More results

Similar Description - DM5960

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX25850 CONEXANT-CX25850 Datasheet
187Kb / 2P
Multi-Channel Video Decoder
logo
Intersil Corporation
TW2974 INTERSIL-TW2974 Datasheet
163Kb / 2P
4-CH WD1 (960H)/D1 Compatible Video Decoder and Audio Codec
March 13, 2013
logo
Toshiba Semiconductor
TC90105FG TOSHIBA-TC90105FG Datasheet
536Kb / 18P
Dual channel Video Decoder
logo
Pericom Semiconductor C...
PI7VD9004ABH PERICOM-PI7VD9004ABH Datasheet
1Mb / 53P
Adaptive EQ 4-channel 960H Video Decoder
PI7VD9008ABH PERICOM-PI7VD9008ABH Datasheet
1Mb / 73P
Adaptive EQ 8-channel 960H Video Decoder
logo
Davicom Semiconductor, ...
DM5150 DAVICOM-DM5150 Datasheet
62Kb / 3P
1-Channel Video Decoder
DM5160 DAVICOM-DM5160 Datasheet
62Kb / 3P
1-Channel 960H Video Decoder
DM5866 DAVICOM-DM5866 Datasheet
66Kb / 3P
4-Channel 960H Video Decoders and Audio Codecs
DM5900 DAVICOM-DM5900 Datasheet
63Kb / 3P
1-Channel Video Decoder
logo
Renesas Technology Corp
TW9960 RENESAS-TW9960 Datasheet
185Kb / 2P
Low Power NTSC/PAL Video Decoder Supporting 960H Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com