Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM5960 Datasheet(PDF) 2 Page - Davicom Semiconductor, Inc.

Part # DM5960
Description  1-Channel 960H Video Decoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM5960 Datasheet(HTML) 2 Page - Davicom Semiconductor, Inc.

  DM5960 Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM5960 Datasheet HTML 2Page - Davicom Semiconductor, Inc. DM5960 Datasheet HTML 3Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DM5960
1-Channel 960H Video Decoder
Product Brief
www.davicom.com.tw
2
Version: 1.0
March 1, 2013
2. General Description
The DM5960 is a 1-channel video decoder designed
for cameras with Sony’s new 960H CCD sensor. The
DM5960 converts 9/6.5 MHz analog CVBS signals to
digital 36/27 MHz CCIR656 signals. The DM5960
integrates an internal PLL, and decodes both 960H
and 720H videos using the same (27MHz) external
clock source. The DM5960 also features a patented
fast switch function. With the fast switch function, the
DM5960 can decode up to 2 analog CVBS with little
frame rate loss.
3. Block Diagram



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com