Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9620AIEP Datasheet(PDF) 1 Page - Davicom Semiconductor, Inc.

Part # DM9620AIEP
Description  Industrial-temperature USB2.0 to 10/100M Fast Ethernet Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9620AIEP Datasheet(HTML) 1 Page - Davicom Semiconductor, Inc.

  DM9620AIEP Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM9620AIEP Datasheet HTML 2Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DM9620AIEP
Industrial-temperature USB2.0 to 10/100M Fast Ethernet Controller
Product Brief
www.davicom.com.tw
1
Version: 1.0
November 22, 2012
1. Features
USB Interface
USB2.0 Device
Supports 480Mbps High-Speed
operation
Supports 12Mbps Full-Speed
operation
Supports suspend mode and remote
wake-up resume
Supports USB standard commands
Supports vendor specific commands
Supports 4 endpoints (Control,
Interrupt, Bulk_IN, Bulk_OUT)
Ethernet
Support IEEE802.3u 100BASE-TX
and with IEEE802.3 10BASE-T
standards
Support IEEE802.3x flow control
function for 100BASE-TX and
10BASET.
Support IEEE802.3az Energy
Efficient Ethernet (EEE)
Built-in 10/100Mbps Fast-Ethernet
PHY
Support HP Auto-MDIX
Supports MII / RMII interface
Supports Auto-negotiation function
Supports Power management:
Wake-on-LAN, Network Detach,
ARP/NDP Offload
Back Pressure Mode for half-duplex
mode flow Control
PAUSE frame for full-duplex flow
control
Supports wakeup frame, link status
change and Magic packet events for
remote wake-up
Embedded SRAM for RX /TX
packet buffering
Support IPv4 / TCP / UDP
checksum offload checking and
generating
EEPROM Interface
Supports automatically load vendor
ID and Product ID from EEPROM
Supports 128/256/512 bytes
(93C46/93C56/93C66) of serial
EEPROM (for storing USB
Descriptors)
93C46 / 93C66 auto-detection
LED Indications
Ethernet – Link / Act indication
Ethernet – Speed (10M / 100M)
indication
Ethernet – Duplex (half / full)
indication
USB speed indication (full / high
speed + traffic modes)
GPIO Pins
GPIO #1 – wake-up signal to CPU
GPIO #2 – Serial Debugging Port
interface (clock)
GPIO #3 – Serial Debugging Port
interface (data)
Clock
Single 25MHz / 30 ppm crystal or
oscillator for Ethernet and 12MHz
for USB
Power Input
Low-Power, Single-Supply 3.3V
Built in 3.3V to 1.8V regulator
Miscellaneous
Support industrial-temperature
(-40 C ~ +85 C)
Very Low Power Consumption
mode
Power Reduced mode (cable
detection), and Power Down mode
Compatible with 2.5V, 3.3V and
5.0V tolerant I/O
Supports commercial and industrial
grade
Package
64 pin LQFP (with MII/RMII I/F)


Similar Part No. - DM9620AIEP

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9620A(I) DAVICOM-DM9620A(I) Datasheet
1Mb / 69P
USB2.0 to Fast Ethernet Controller
DM9620AEP DAVICOM-DM9620AEP Datasheet
58Kb / 2P
USB2.0 to 10/100M Fast Ethernet Controller
More results

Similar Description - DM9620AIEP

ManufacturerPart #DatasheetDescription
logo
ASIX Electronics Corpor...
AX88772A ASIX-AX88772A Datasheet
913Kb / 45P
USB 2.0 to 10/100M Fast Ethernet Controller
logo
Davicom Semiconductor, ...
DM9620 DAVICOM-DM9620 Datasheet
455Kb / 71P
USB2.0 to 10/100M Fast Ethernet Controller
DM9620I DAVICOM-DM9620I Datasheet
447Kb / 71P
USB2.0 to 10/100M Fast Ethernet Controller
DM9620I DAVICOM-DM9620I_1 Datasheet
57Kb / 2P
USB2.0 to 10/100M Fast Ethernet Controller
DM9620I DAVICOM-DM9620I_2 Datasheet
69Kb / 2P
Industrial-temperature USB2.0 to 10/100M Fast Ethernet Controller
DM9621 DAVICOM-DM9621 Datasheet
476Kb / 66P
USB2.0 to 10/100M Fast Ethernet Controller
DM9620A(I) DAVICOM-DM9620A(I) Datasheet
1Mb / 69P
USB2.0 to Fast Ethernet Controller
DM9620AEP DAVICOM-DM9620AEP Datasheet
58Kb / 2P
USB2.0 to 10/100M Fast Ethernet Controller
DM9621A DAVICOM-DM9621A Datasheet
1Mb / 66P
USB2.0 to Fast Ethernet Controller
DM9621ANP DAVICOM-DM9621ANP Datasheet
58Kb / 2P
USB2.0 to 10/100M Fast Ethernet Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com