Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9620AIEP Datasheet(PDF) 2 Page - Davicom Semiconductor, Inc.

Part # DM9620AIEP
Description  Industrial-temperature USB2.0 to 10/100M Fast Ethernet Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9620AIEP Datasheet(HTML) 2 Page - Davicom Semiconductor, Inc.

  DM9620AIEP Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM9620AIEP Datasheet HTML 2Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DM9620AIEP
Industrial-temperature USB2.0 to 10/100M Fast Ethernet Controller
Product Brief
www.davicom.com.tw
2
Version: 1.0
November 22, 2012
2. General Description
The DM9620AIEP USB2.0 to 10/100Mbps Fast
Ethernet industrial-temperature controller with
0.18um CMOS technology is a high performance and
highly integrated ASIC with embedded 13KB SRAM
for packet buffering. It enables low cost and
affordable Fast Ethernet network connection to
desktop, notebook PC, and embedded system using
popular USB ports.
It has an USB interface to communicate with USB
host controller and is compliant with USB
specification V1.0, V1.1 and V2.0. It implements
10/100Mbps Ethernet LAN function based on
IEEE802.3, and IEEE802.3u standards.
DM9620AIEP integrates an on-chip 10/100Mbps
Ethernet PHY to simplify system design and provides
an optional media-independent interface (MII / RMII)
3. Block Diagram
4. Certification: USB IF and WHQL certified
5. OS Supports:
Windows, WinCE, Linux, Android, Chrome, Mac OS, PXE, DOS
6. Applications
Embedded System: IP STB, DMA, Card Reader, POS, DVR, IPTV, NAS, Networked Printer
USB Dongle: PMP, MID, UMPC, DPF, Netbook, Slim Notebook, Game Console, Portable Device
7. Ordering Information
Part Number
Pin Count
Package
DM9620AIEP
64
LQFP
(Pb-Free and Halogen–Free)
EEPROM
Interface
External MII
Interface
LED
TX+/-
RX+/-
MII Management
Control
& MII Register
Autonegotiation
Memory
Management
RX Machine
TX Machine
MAC
MII
100 Base-TX
PCS
100 Base-TX
transceiver
10 Base-T
Tx/Rx
PHYceiver
Control &Status
Registers
Internal
SRAM
DM
DP



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com