Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3741-0X Datasheet(PDF) 2 Page - Vicor Corporation

Part # PI3741-0X
Description  21V to 60VIN, 150W, Cool-Power ZVS Buck-Boost Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3741-0X Datasheet(HTML) 2 Page - Vicor Corporation

  PI3741-0X Datasheet HTML 1Page - Vicor Corporation PI3741-0X Datasheet HTML 2Page - Vicor Corporation PI3741-0X Datasheet HTML 3Page - Vicor Corporation PI3741-0X Datasheet HTML 4Page - Vicor Corporation PI3741-0X Datasheet HTML 5Page - Vicor Corporation PI3741-0X Datasheet HTML 6Page - Vicor Corporation PI3741-0X Datasheet HTML 7Page - Vicor Corporation PI3741-0X Datasheet HTML 8Page - Vicor Corporation PI3741-0X Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
Cool-Power® ZVS Switching Regulators
Rev 1.1
vicorpower.com
Page 2 of 38
08/2016
800 927.9474
PI3741-0x
Typical Output Current / Power
Input Voltage (V)
21V
OUT
24V
OUT
28V
OUT
32V
OUT
36V
OUT
6.0
5.5
5.0
4.5
4.0
3.5
3.0
20
40
35
30
25
50
45
55
60
Input Voltage (V)
21V
OUT
24V
OUT
28V
OUT
32V
OUT
36V
OUT
100
110
120
130
140
150
20
25
30
35
40
45
50
55
60
80
90
Output Current of PI3741-00-LGIZ
Output Power of PI3741-00-LGIZ
Input Voltage (V)
36V
OUT
40V
OUT
48V
OUT
54V
OUT
2.0
2.5
3.0
3.5
4.0
4.5
20
25
30
35
40
45
50
55
60
1.5
Input Voltage (V)
36V
OUT / 40VOUT
48V
OUT / 54VOUT
110
120
130
140
150
160
20
25
30
35
40
45
50
55
60
90
100
Output Current of PI3741-01-LGIZ
Output Power of PI3741-01-LGIZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com