Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3741-0X Datasheet(PDF) 21 Page - Vicor Corporation

Part # PI3741-0X
Description  21V to 60VIN, 150W, Cool-Power ZVS Buck-Boost Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3741-0X Datasheet(HTML) 21 Page - Vicor Corporation

Back Button PI3741-0X Datasheet HTML 17Page - Vicor Corporation PI3741-0X Datasheet HTML 18Page - Vicor Corporation PI3741-0X Datasheet HTML 19Page - Vicor Corporation PI3741-0X Datasheet HTML 20Page - Vicor Corporation PI3741-0X Datasheet HTML 21Page - Vicor Corporation PI3741-0X Datasheet HTML 22Page - Vicor Corporation PI3741-0X Datasheet HTML 23Page - Vicor Corporation PI3741-0X Datasheet HTML 24Page - Vicor Corporation PI3741-0X Datasheet HTML 25Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
Cool-Power® ZVS Switching Regulators
Rev 1.1
vicorpower.com
Page 21 of 38
08/2016
800 927.9474
PI3741-0x
Functional Description
The PI3741-0x is a family of highly integrated ZVS Buck-Boost
regulators. The PI3741-0x has an adjustable output voltage that
is set with a resistive divider. Performance and maximum output
current are characterized with a specific external power inductor
as defined in the electrical specifications, and in the inductor
pairing section.
For basic operation, Figure 30 shows the minimum connections
and components required.
Enable
The EN pin of the regulator is referenced to SGND and permits
the user to turn the regulator on or off. The EN polarity is a
positive logic assertion. If the EN pin is left floating or asserted
high, the regulator output is enabled. Pulling the EN pin below
0.8VDC with respect to SGND will discharge the SS/TRK pin until
the output reaches zero or the EN pin is released. When the
converter is disabled via the EN pin or due to a fault mode, the
internal gate driver high side charge pumps are enabled as long
as there is enough input voltage for the internal VDR supply
voltage to be available. The return path for this charge pump
supply is through the output. If the output load is disconnected
or high impedance, the output capacitors will float up to about
3.4V maximum, sourced by 960µA of leakage current. This pre-
biased condition poses no issue for the converter. The 960uA
leakage current may be safely bypassed to SGND. A simple
application circuit is available to bypass this current in a non-
dissipative manner. Please contact Applications Engineering for
details.
Switching Frequency Synchronization
The SYNCI input allows the user to synchronize the controller
switching frequency to the falling edge of an external clock
referenced to SGND. The external clock can synchronize the
unit between 50% and 110% of the preset switching frequency
(FSW). The SYNCI pin should be connected to SGND when not in
use, and should never be left floating.
Soft-Start and Tracking
The PI3741-0x provides a soft start and tracking feature using
the TRK pin. Programmable Soft Start requires an external
capacitor from the TRK pin to SGND in addition to the internal
47nF soft-start capacitor to set the start-up ramp period greater
than tSS. The PI3741-0x internal reference and regulated output
will proportionally follow the TRK ramp when it is below 1.7VDC.
When the ramp is greater than 1.7VDC, the internal reference will
remain at 1.7VDC while the TRK ramp rises and clamps at 2.5VDC.
If the TRK pin goes below the disable threshold, the regulator
will finish the current switching cycle and then stop switching.
Remote Sensing Differential Amplifier
A general purpose operational amplifier is provided to assist
with differential remote sensing and/or level shifting of the
output voltage. The VDIFF pin can be connected to the
transconductance error amplifier input EAIN pin, or with proper
configuration can also be connected to the EAO pin to drive the
modulator directly. If unused, connect in unity gain with VSP
connected to SGND.
Power Good
The PI3741-0x PGD pin functions as a power good indicator and
pulls low when the regulator is not operating or if EAIN is less
than 1.4V.
Output Current Limit Protection
PI3741-0x has three methods implemented to protect from
output short circuit or over current condition.
Slow Current Limit protection: prevents the regulator load
from sourcing current higher than the maximum rated regulator
current. If the output current exceeds the VOUT Slow Current
Limit (VOUT_SCL) a slow current limit fault is initiated and the
regulator is shutdown, which eliminates output current flow.
After the Fault Restart Delay (tFR_DLY), a soft-start cycle is
initiated. This restart cycle will be repeated indefinitely until the
excessive load is removed.
Fast Current Limit protection: monitors the external inductor
current pulse-by-pulse to prevent the output from supplying
saturation current. If the regulator senses a high inductor current
pulse, it will initiate a fault and stop switching. After the Fault
Restart Delay (tFR_DLY), a soft-start cycle is initiated. This
restart cycle will be repeated indefinitely until the excessive load
is removed.
Overload Timeout protection: If the regulator is providing
greater than the maximum output power for longer than the
Overload Timeout delay (TOL), it will initiate a fault and stop
switching. After Fault Restart Delay (tFR_DLY), a soft-start cycle is
initiated. This restart cycle will be repeated indefinitely until the
overload load is removed.
Input Undervoltage Lockout
If VIN falls below the input Undervoltage Lockout (UVLO)
threshold, the PI3741-0x will complete the current cycle and
stop switching. The system will restart once the input voltage is
reestablished and after the Fault Restart Delay.
Input Overvoltage Lockout
If VIN rises above the input Overvoltage Lockout (OVLO)
threshold, the PI3741-0x will complete the current cycle and
stop switching. The system will restart once the input voltage is
reestablished and after the Fault Restart Delay.
SGND
V
IN
V
IN
V
OUT
V
OUT
PGND
COMP
ISP
ISN
IMON
EAO
C
IN
C
OUT
PGND
L1
VS1
VS2
VSN
VSP
VDIFF
EAIN
SYNCI
VDR
EN
SYNCO
TRK
PGD
PI3741
R1
R2
10k
4700pF
C
COMP
Figure 30 — ZVS Buck-Boost with required components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com