Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA033TFP Datasheet(PDF) 3 Page - Rohm

Part # BA033TFP
Description  Low saturation voltage type 3-pin regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA033TFP Datasheet(HTML) 3 Page - Rohm

  BA033TFP Datasheet HTML 1Page - Rohm BA033TFP Datasheet HTML 2Page - Rohm BA033TFP Datasheet HTML 3Page - Rohm BA033TFP Datasheet HTML 4Page - Rohm BA033TFP Datasheet HTML 5Page - Rohm BA033TFP Datasheet HTML 6Page - Rohm BA033TFP Datasheet HTML 7Page - Rohm BA033TFP Datasheet HTML 8Page - Rohm BA033TFP Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BAOOT / FP series
Regulator ICs
!
!
!
!Electrical characteristics
BA03T / FP (unless otherwise noted, Ta = 25
°C, VCC = 8V, IO = 500mA)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
-
Measurement
circuit
2.85
3.0
3.15
V
Fig.1
Reg.I
-
20
100
mV
VIN = 4
→25V
Fig.1
R.R.
45
55
-
dB
Fig.2
Reg.L
-
50
150
mV
Fig.1
-
±0.02
-
Fig.1
Vd
-
0.3
0.5
V
Ib
-
2.5
5.0
mA
1.0
1.5
-
A
Tj = 25
°C
Fig.1
-
0.4
-
A
VO1
Tcvo
IO-P
Ios
Io = 5mA
→1A
Vcc = 0.95VO
Io = 0mA
Fig.5
Fig.4
Fig.3
eIN = 1Vrms, f = 120Hz, Io = 100mA
Io = 5mA, Tj = 0~125
°C
Vcc = 25V
% /
°C
Input stability
Ripple rejection ratio
Load regulation
Temperature coefficient of output voltage
Dropout voltage
Bias current
Peak output current
Output short-circuit current
Output voltage
BA033T / FP (unless otherwise noted, Ta = 25
°C, VCC = 8V, IO = 500mA)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
-
Measurement
circuit
3.13
3.3
3.47
V
Fig.1
Reg.I
-
20
100
mV
VIN = 4.3
→25V
Fig.1
R.R.
45
55
-
dB
Fig.2
Reg.L
-
50
150
mV
Fig.1
-
±0.02
-
Fig.1
Vd
-
0.3
0.5
V
Ib
-
2.5
5.0
mA
1.0
1.5
-
A
Tj = 25
°C
Fig.1
-
0.4
-
A
VO1
Tcvo
IO-P
Ios
Io = 5mA
→1A
Vcc = 0.95VO
Io = 0mA
Fig.5
Fig.4
Fig.3
eIN = 1Vrms, f = 120Hz, Io = 100mA
Io = 5mA, Tj = 0~125
°C
Vcc = 25V
% /
°C
Input stability
Ripple rejection ratio
Load regulation
Temperature coefficient of output voltage
Dropout voltage
Bias current
Peak output current
Output short-circuit current
Output voltage
BA05T / FP (unless otherwise noted, Ta = 25
°C, VCC = 10V, IO = 500mA)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
-
Measurement
circuit
4.75
5.0
5.25
V
Fig.1
Reg.I
-
20
100
mV
VIN = 6
→25V
Fig.1
R.R.
45
55
-
dB
Fig.2
Reg.L
-
50
150
mV
Fig.1
-
±0.02
-
Fig.1
Vd
-
0.3
0.5
V
Ib
-
2.5
5.0
mA
1.0
1.5
-
A
Tj = 25
°C
Fig.1
-
0.4
-
A
VO1
Tcvo
IO-P
Ios
Io = 5mA
→1A
Vcc = 4.75V
Io = 0mA
Fig.5
Fig.4
Fig.3
eIN = 1Vrms, f = 120Hz, Io = 100mA
Io = 5mA, Tj = 0~125
°C
Vcc = 25V
% /
°C
Input stability
Ripple rejection ratio
Load regulation
Temperature coefficient of output voltage
Dropout voltage
Bias current
Peak output current
Output short-circuit current
Output voltage



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com