Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA033TFP Datasheet(PDF) 7 Page - Rohm

Part # BA033TFP
Description  Low saturation voltage type 3-pin regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA033TFP Datasheet(HTML) 7 Page - Rohm

  BA033TFP Datasheet HTML 1Page - Rohm BA033TFP Datasheet HTML 2Page - Rohm BA033TFP Datasheet HTML 3Page - Rohm BA033TFP Datasheet HTML 4Page - Rohm BA033TFP Datasheet HTML 5Page - Rohm BA033TFP Datasheet HTML 6Page - Rohm BA033TFP Datasheet HTML 7Page - Rohm BA033TFP Datasheet HTML 8Page - Rohm BA033TFP Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
BAOOT / FP series
Regulator ICs
!
!
!
!Measurement circuits
V
22
µF
IO
VCC
OUT
VCC
GND
Fig. 1 Measurement circuit for output voltage,
input stability, load regulation,
temperature coefficient of output
voltage
V
V
22
µF
0.33
µF
100
µF
ein
eIN = 1Vrms
f = 120Hz
eOUT
10
Ω5W
VCC
OUT
VCC
GND
IO = 100mA
Ripple rejection ratio R.R. = 20 log
( eIN
eOUT
)
Fig. 2 Measurement circuit for ripple rejection ratio
22
µF
0.33
µF
IO = 500mA
V
VCC = 0.95VO
OUT
VCC
GND
Fig. 3 Measurement circuit for minimum I/O voltage differential
22
µF
0.33
µF
A
VCC
OUT
VCC
GND
Fig. 4 Measurement circuit for bias current
22
µF
0.33
µF
VCC
IOS
OUT
VCC
GND
A
Fig. 5 Measurement circuit for
output short-circuit current



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com