Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP431IAQL Datasheet(PDF) 6 Page - Anachip Corp

Part # AP431IAQL
Description  Adjustable Precision Shunt Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP431IAQL Datasheet(HTML) 6 Page - Anachip Corp

Back Button AP431IAQL Datasheet HTML 2Page - Anachip Corp AP431IAQL Datasheet HTML 3Page - Anachip Corp AP431IAQL Datasheet HTML 4Page - Anachip Corp AP431IAQL Datasheet HTML 5Page - Anachip Corp AP431IAQL Datasheet HTML 6Page - Anachip Corp AP431IAQL Datasheet HTML 7Page - Anachip Corp AP431IAQL Datasheet HTML 8Page - Anachip Corp AP431IAQL Datasheet HTML 9Page - Anachip Corp AP431IAQL Datasheet HTML 10Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Adjustable Precision Shunt Regulator
AP431/AP431A
Anachip Corp.
www.anachip.com.tw
Rev.1.0 May.7, 2004
6/17
Typical Performance Characteristics
Cathode current Vs Cathode Voltage
-100
0
100
-1.5
-0.5
0.5
1.5
2.5
Cathode Voltage(v)
V
KA=Vref
Ta=25oC
Cathode current (uA) Vs Cathode Voltage
-1
Cathode Voltage(v)
-200
200
400
600
0
-0.5
0
0.5
1
1.5
2
2.5
V
KA=Vref
Ta=25oC
Reference Voltage Vs Free-Air Temperature
Free-Air Tempeture (oC)
2480
2485
2490
2495
2500
-40
80
-30 -20 -10 0 10 20 30 40 50 60 70
Reference input current Vs free Temperature
Free-Air Temperature(oC)
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100
125
R1=10K
I
KA=10mA
Change in Reference Voltage vs Cathode Voltage
0
5
10
15
20
25
30
Cathode Voltage (V)
-12
-10
-8
-6
-4
-2
0
I
KA=10mA
Ta=25oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com