Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP431IAQL Datasheet(PDF) 1 Page - Anachip Corp

Part # AP431IAQL
Description  Adjustable Precision Shunt Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP431IAQL Datasheet(HTML) 1 Page - Anachip Corp

  AP431IAQL Datasheet HTML 1Page - Anachip Corp AP431IAQL Datasheet HTML 2Page - Anachip Corp AP431IAQL Datasheet HTML 3Page - Anachip Corp AP431IAQL Datasheet HTML 4Page - Anachip Corp AP431IAQL Datasheet HTML 5Page - Anachip Corp AP431IAQL Datasheet HTML 6Page - Anachip Corp AP431IAQL Datasheet HTML 7Page - Anachip Corp AP431IAQL Datasheet HTML 8Page - Anachip Corp AP431IAQL Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Adjustable Precision Shunt Regulator
AP431/AP431A
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev.1.0 May.7, 2004
1/17
Features
•
Precision reference voltage
AP431 : 2.495V ± 1%
AP431A : 2.495V ± 0.5%
•
Sink current capability: 200mA
•
Minimum cathode current for regulation: 300μA
•
Equivalent full-range temp coefficient: 30 ppm/
oC
•
Fast turn-on response
•
Low dynamic output impedance: 0.2Ω
•
Programmable output voltage to 36v
•
Low output noise.
•
Packages: TO92, SOT89, SOT23, SOT25 and
SOP
Description
The AP431/AP431A are 3-terminal adjustable
precision
shunt
regulators
with
guaranteed
temperature stability over the applicable extended
commercial temperature range. The output voltage
may be set at any level greater than 2.495V(VREF)
up to 36V merely by selecting two external resistors
that act as a voltage divider network. These devices
have a typical output impedance of 0.2Ω. Active
output
circuitry
provides
very
sharp
turn-on
characteristics, making these devices excellent
improved replacements for Zener diodes in many
applications.
The precise (+/-) 1% Reference voltage tolerance of
the AP431/431A make it possible in many
applications to avoid the use of a variable resistor,
consequently saving cost and eliminating drift and
reliability problems associated with it.
Ordering Information
A P 4 3 1 X X X X X
Package
Packing
Blank : Tube or bulk
A
: Taping
Reference Voltage
Tolerance:
Blank : +/- 1%
A
: +/- 0.5%
Operating Temp. Range
Blank : SOP-8L
Y
: SOT89-3L
V
: TO92-3L
W
: SOT23-3L
R
: SOT23-3L
Q
: SOT25
Blank : -20oC~85oC
I : -40oC~85oC
Lead Free
Blank : Normal
L : Lead Free Package
Typical Application Circuit
+
+
R2
R1
VOUT
VIN
VOUT = (1+R1/R2)VREF
Precision Regulator
Cin
Cout
AP431


Similar Part No. - AP431IAQL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP431I DIODES-AP431I Datasheet
445Kb / 17P
LOW CATHODE CUREENT ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 6
More results

Similar Description - AP431IAQL

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
logo
Taiwan Semiconductor Co...
TS431I TSC-TS431I Datasheet
776Kb / 13P
Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
Adjustable Precision Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com