Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2005 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # R2005
Description  20.0 AMP SILICON RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

R2005 Datasheet(HTML) 1 Page - Nanjing International Group Co

  R2005 Datasheet HTML 1Page - Nanjing International Group Co R2005 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VOLTAGE RANGE
CURRENT
50 TO 1000 Volts
2
0.0 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=60 C
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 10.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note 1)
R2001 R2002 R2003 R2004 R2005 R2006 R2007 UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
2
0.0
72
0
10.0
400
100
-65
+150
V
A
V
µA
µA
pF
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance from Junction to Ambient .375" (9.5mm) lead length.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
Weight: 1.65 grams
R2001
R2007
THRU
1.0
Typical Thermal Resistance R JA (Note 2)
θ
10
*
A
Operating and Storage Temperature Range T , T
J
STG
C
C/W
*BothnormalandPbfree productareavailable:
*Normal:80~95%Sn,5~20%Pb
*Pbfree:99SnabovecanmeetRohsenviromentsubstance
directiverequest
R-6
Dimensions in inches and (millimeters)
0.945(24.0)
MIN.
0.945(24.0)
MIN.
.360(9.1)
.360(9.1)
.340(8.6)
.340(8.6)
.052(1.3)
.04
3(1.1)
DIA.
DIA.
20.0 AMP SILICON RECTIFIERS


Similar Part No. - R2005

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
R2005200P12 PDI-R2005200P12 Datasheet
129Kb / 4P
GaAs Reverse, 5 - 200MHz, 20.0dB typ. Gain @ 200MHz, 360mA max. @ 12VDC
logo
RF Micro Devices
R2005200P12 RFMD-R2005200P12 Datasheet
266Kb / 3P
GaAs Reverse Hybrid 5MHz to 200MHz
logo
PREMIER DEVICES, INC.
R2005240 PDI-R2005240 Datasheet
63Kb / 4P
Si Reverse, 5 - 200MHz, 24.6dB typ. Gain @ 200MHz, 235A max. @ 24VDC
R2005240P12 PDI-R2005240P12 Datasheet
129Kb / 4P
GaAs Reverse, 5 - 200MHz, 24.2dB typ. Gain @ 200MHz, 360mA max. @ 12VDC
logo
RF Micro Devices
R2005240P12 RFMD-R2005240P12 Datasheet
265Kb / 3P
GaAs Reverse Hybrid 5MHz to 200MHz
More results

Similar Description - R2005

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SP20250 SECOS-SP20250 Datasheet
103Kb / 2P
20.0 AMP Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SRF20150CT GWSEMI-SRF20150CT Datasheet
71Kb / 2P
20.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
MBR20100F SECOS-MBR20100F_15 Datasheet
223Kb / 2P
20.0 Amp Schottky Barrier Rectifiers
SP20150R SECOS-SP20150R_15 Datasheet
289Kb / 2P
20.0 Amp Schottky Barrier Rectifiers
logo
Nanjing International G...
R2001 DGNJDZ-R2001 Datasheet
276Kb / 2P
20.0 AMP SILICON RECTIFIERS
R2002 DGNJDZ-R2002 Datasheet
276Kb / 2P
20.0 AMP SILICON RECTIFIERS
R2003 DGNJDZ-R2003 Datasheet
276Kb / 2P
20.0 AMP SILICON RECTIFIERS
R2004 DGNJDZ-R2004 Datasheet
276Kb / 2P
20.0 AMP SILICON RECTIFIERS
R2006 DGNJDZ-R2006 Datasheet
276Kb / 2P
20.0 AMP SILICON RECTIFIERS
R2007 DGNJDZ-R2007 Datasheet
276Kb / 2P
20.0 AMP SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com