Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA84 Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA84
Description  POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA84 Datasheet(HTML) 2 Page - Cirrus Logic

  PA84 Datasheet HTML 1Page - Cirrus Logic PA84 Datasheet HTML 2Page - Cirrus Logic PA84 Datasheet HTML 3Page - Cirrus Logic PA84 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
NOTES:
*
The specification of PA84A is identical to the specification for PA84/PA84S in applicable column to the left.
1.
Signal slew rates at pins 5 and 6 must be limited to less than 1V/ns to avoid damage. When faster waveforms are unavoidable,
resistors in series with those pins, limiting current to 150mA will protect the amplifier from damage.
2.
Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation
to achieve high MTTF.
3.
The power supply voltage for all tests is
±150V, unless otherwise noted as a test condition.
4.
Doubles for every 10
°C of temperature increase.
5.
+V
S and –VS denote the positive and negative power supply rail respectively.
6.
Rating applies if the output current alternates between both output transistors at a rate faster than 60Hz.
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
SUPPLY VOLTAGE, +V
S to –VS
300V
OUTPUT CURRENT, within SOA
Internally Limited
POWER DISSIPATION, internal at T
C = 25°C
2
17.5W
INPUT VOLTAGE, differential PA84/PA84A1
±300V
INPUT VOLTAGE, differential PA84S
±50V
INPUT VOLTAGE, common mode1
±V
S
TEMPERATURE, pins for 10s max (solder)
300
°C
TEMPERATURE, junction2
200
°C
TEMPERATURE RANGE, storage
–65 to +150
°C
OPERATING TEMPERATURE RANGE, case
–55 to +125
°C
PA84 • PA84A • PA84S
The internal substrate contains beryllia (BeO). Do not break the seal. If accidentally broken, do not crush, machine, or
subject to temperatures in excess of 850
°C to avoid generating toxic fumes.
CAUTION
PARAMETER
TEST CONDITIONS 3
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE, initial
T
C = 25°C
±1.5
±3
±.5
±1mV
OFFSET VOLTAGE, vs. temperature
T
C = –25° to +85°C
±10
±25
±5
±10
µV/°C
OFFSET VOLTAGE, vs. supply
T
C = 25°C
±.5
±.2
µV/V
OFFSET VOLTAGE, vs. time
T
C = 25°C
±75
*
µV/√kh
BIAS CURRENT, initial4
T
C = 25°C5
50
3
10
pA
BIAS CURRENT, vs. supply
T
C = 25°C
.01
*
pA/V
OFFSET CURRENT, initial4
T
C = 25°C
±2.5
±50
±1.5
±10
pA
OFFSET CURRENT, vs. supply
T
C = 25°C
±.01
*
pA/V
INPUT IMPEDANCE, DC
T
C = 25°C10
11
*
Ω
INPUT CAPACITANCE
T
C = –25° to +85°C6
*
pF
COMMON MODE VOLTAGE RANGE5
T
C = –25° to +85°C
±V
S–10
±V
S–8.5
*
*
V
COMMON MODE REJECTION, DC
T
C = –25° to +85°C
130
*
dB
GAIN
OPEN LOOP GAIN at 10Hz
T
C = 25°C, RL = ∞
120
*
dB
OPEN LOOP GAIN at 10Hz.
T
C = 25°C, RL = 3.5KΩ
100
118
*
*
dB
GAIN BANDWIDTH PRODUCT@ 1MHz T
C = 25°C, RL = 3.5KΩ, RC = 20KΩ
75
*
MHz
POWER BANDWIDTH, high gain
T
C = 25°C, RL = 3.5KΩ, RC = 20KΩ
250
180
*
kHz
POWER BANDWIDTH, low gain
T
C = 25°C, RL = 3.5KΩ, RC = 20KΩ
120
*
kHz
OUTPUT
VOLTAGE SWING5
T
C = 25°C, IO = ±40mA
±V
S–7
±V
S–3*
*
V
VOLTAGE SWING5
T
C = –25° to +85°C, IO = ±15mA
±V
S–5
±V
S–2*
*
V
CURRENT, peak
T
C = 25°C40
*
mA
CURRENT, short circuit
T
C = 25°C50
*
mA
SLEW RATE, high gain
T
C = 25°C, RL = 3.5KΩ, RC = 20KΩ
200
150
*
V/
µs
SLEW RATE, low gain
T
C = 25°C, RL = 3.5KΩ, RC = 2KΩ
125
*
V/
µs
SETTLING TIME .01% at gain = 100
T
C = 25°C, RL = 3.5KΩ
PA84S
2
µs
SETTLING TIME .1% at gain = 100
R
C = 20KΩ, VIN = 2V step
ONLY
1
µs
SETTLING TIME .01% at gain = 100
T
C = 25°C, RL = 3.5KΩ
PA84/84A
20
20
µs
SETTLING TIME .1% at gain = 100
R
C = 20KΩ, VIN = 2V step
12
12
µs
POWER SUPPLY
VOLTAGE
T
C = –55°C to +125°C
±15
±150
*
*
V
CURRENT, quiescent
T
C = 25°C
5.5
7.5
*
*
mA
THERMAL
RESISTANCE, AC, junction to case6
T
C = –55°C to +125°C, F > 60Hz
3.8
*
°C/W
RESISTANCE, DC, junction to case
T
C = –55°C to +125°C, F < 60Hz
6
6.5
*
*
°C/W
RESISTANCE, case to air
T
C = –55°C to +125°C30
*
°C/W
TEMPERATURE RANGE, case
Meets full range specifications
–25
+85
*
*
°C
SPECIFICATIONS
PA84A
PA84/PA84S



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com