Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA84 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA84
Description  POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA84 Datasheet(HTML) 1 Page - Cirrus Logic

  PA84 Datasheet HTML 1Page - Cirrus Logic PA84 Datasheet HTML 2Page - Cirrus Logic PA84 Datasheet HTML 3Page - Cirrus Logic PA84 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
EXTERNAL CONNECTION
FEATURES
• HIGH SLEW RATE — 200V/
µs
• FAST SETTLING TIME — .1% in 1
µs (PA84S)
• FULLY PROTECTED INPUT — Up to
±150v
• LOW BIAS CURRENT, LOW NOISE — FET Input
• WIDE SUPPLY RANGE —
±15V to ±150V
APPLICATIONS
• HIGH VOLTAGE INSTRUMENTATION
• ELECTROSTATIC TRANSDUCERS & DEFLECTION
• PROGRAMMABLE POWER SUPPLIES UP TO 290V
• ANALOG SIMULATORS
DESCRIPTION
The PA84 is a high voltage operational amplifier designed for
output voltage swings up to
±145V with a dual supply or 290V
with a single supply. Two versions are available. The new
PA84S, fast settling amplifier can absorb differential input over-
voltages up to
±50V while the established PA84 and PA84A can
handle differential input overvoltages of up to
±300V. Both
versions are protected against common mode transients and
overvoltages up to the supply rails. High accuracy is achieved
with a cascode input circuit configuration. All internal biasing is
referenced to a zener diode fed by a FET constant current
source. As a result, the PA84 features an unprecedented supply
range and excellent supply rejection. The output stage is biased-
on for linear operation. External phase compensation allows for
user flexibility in obtaining the maximum slew rate. Fixed current
limits protect these amplifiers against shorts to common at
supply voltages up to 150V. For operation into inductive loads,
two external flyback pulse protection diodes are recommended.
However, a heatsink may be necessary to maintain the proper
case temperature under normal operating conditions.
This hybrid integrated circuit utilizes a beryllia (BeO) sub-
strate, thick film resistors, ceramic capacitors and semicon-
ductor chips to maximize reliability, minimize size and give top
performance. Ultrasonically bonded aluminum wires provide
reliable interconnections at all operating temperatures. The 8-
pin TO-3 package is hermetically sealed and electrically
isolated. The use of compressible thermal isolation washers
and/or improper mounting torque will void the product war-
ranty. Please see “General Operating Considerations”.
TOP VIEW
1
2
3
4
5
6
7
8
–VS
+IN
–IN
BAL
COMP
OUT
BAL
+VS
NOTES:
1. Phase Compensation required
for safe operation.
2. Input offset trimpot optional.
Recommended value 100K
.
Ω
RC
CC
PHASE COMPENSATION
GAIN
1
10
100
1000
CC
10nF
500pF
50pF
none
RC
200
2K
20K
none
Ω
Ω
Ω
TYPICAL APPLICATION
The PA84 is ideally suited to driving ink jet control units
(often a piezo electric device) which require precise pulse
shape control to deposit crisp clear date or lot code information
on product containers. The external compensation network
has been optimized to match the gain setting of the circuit and
the complex impedance of the ink jet control unit. The combi-
nation of speed and high voltage capabilities of the PA84 form
ink droplets of uniform volume at high production rates to
enhance the value of the printer.
EQUIVALENT SCHEMATIC
+150V
–150V
100K
PA84
±10V
50K
INK JET
CONTROL
10K
DAC
......
......
......
4.7K
390pF
HTTP://WWW.APEXMICROTECH.COM
(800) 546-APEX
(800) 546-2739
MICROTECHNOLOGY
POWER OPERATIONAL AMPLIFIERS
PA84 • PA84A • PA84S
2
7
4
3
5
6
1
Q1
Q2
D1
D2
Q15
Q12B
Q9
C4
Q8
Q13
Q4
Q3
C1
Q16
Q17
Q5
C5
Q12A
Q14
C6
Q10
Q6
Q7
Q11
8
*
*
*
*
*
*


Similar Part No. - PA84

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA84 CIRRUS-PA84 Datasheet
210Kb / 5P
Power Operational Amplifiers
logo
Fuji Electric
PA847C04 FUJI-PA847C04 Datasheet
63Kb / 3P
Schottky barrier diode
logo
Cirrus Logic
PA84A CIRRUS-PA84A Datasheet
210Kb / 5P
Power Operational Amplifiers
PA84M CIRRUS-PA84M Datasheet
156Kb / 2P
Table 4 Group A Inspection
PA84M/883 CIRRUS-PA84M/883 Datasheet
156Kb / 2P
Table 4 Group A Inspection
More results

Similar Description - PA84

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM759 NSC-LM759 Datasheet
207Kb / 14P
Power Operational Amplifiers
logo
Cirrus Logic
PA02 APEX-PA02 Datasheet
262Kb / 4P
POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA34 ETC-PA34 Datasheet
66Kb / 5P
POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
UA759 FAIRCHILD-UA759 Datasheet
489Kb / 12P
POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA79 APEX-PA79 Datasheet
310Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA84 CIRRUS-PA84 Datasheet
210Kb / 5P
Power Operational Amplifiers
PA16 CIRRUS-PA16_09 Datasheet
349Kb / 7P
Power Operational Amplifiers
PA97DR_0912 CIRRUS-PA97DR_0912 Datasheet
582Kb / 6P
Power Operational Amplifiers
PA107DP CIRRUS-PA107DP_10 Datasheet
892Kb / 7P
Power Operational Amplifiers
PA162 APEX-PA162_10 Datasheet
789Kb / 6P
Power Operational Amplifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com