Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2155 Datasheet(PDF) 41 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 41 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 37Page - Dallas Semiconductor DS2155 Datasheet HTML 38Page - Dallas Semiconductor DS2155 Datasheet HTML 39Page - Dallas Semiconductor DS2155 Datasheet HTML 40Page - Dallas Semiconductor DS2155 Datasheet HTML 41Page - Dallas Semiconductor DS2155 Datasheet HTML 42Page - Dallas Semiconductor DS2155 Datasheet HTML 43Page - Dallas Semiconductor DS2155 Datasheet HTML 44Page - Dallas Semiconductor DS2155 Datasheet HTML 45Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 262 page
background image
DS2156
41 of 262
ADDRESS
xxh
R/W
REGISTER NAME
SYMBOL
PAGE
83
R/W
Transmit Idle Code Enable Register 4
TCICE4
105
84
R/W
Receive Idle Code Enable Register 1
RCICE1
106
85
R/W
Receive Idle Code Enable Register 2
RCICE2
106
86
R/W
Receive Idle Code Enable Register 3
RCICE3
106
87
R/W
Receive Idle Code Enable Register 4
RCICE4
106
88
R/W
Receive Channel Blocking Register 1
RCBR1
107
89
R/W
Receive Channel Blocking Register 2
RCBR2
107
8A
R/W
Receive Channel Blocking Register 3
RCBR3
108
8B
R/W
Receive Channel Blocking Register 4
RCBR4
108
8C
R/W
Transmit Channel Blocking Register 1
TCBR1
109
8D
R/W
Transmit Channel Blocking Register 2
TCBR2
109
8E
R/W
Transmit Channel Blocking Register 3
TCBR3
109
8F
R/W
Transmit Channel Blocking Register 4
TCBR4
109
90
R/W
HDLC #1 Transmit Control
H1TC
134
91
R/W
HDLC #1 FIFO Control
H1FC
136
92
R/W
HDLC #1 Receive Channel Select 1
H1RCS1
137
93
R/W
HDLC #1 Receive Channel Select 2
H1RCS2
137
94
R/W
HDLC #1 Receive Channel Select 3
H1RCS3
137
95
R/W
HDLC #1 Receive Channel Select 4
H1RCS4
137
96
R/W
HDLC #1 Receive Time Slot Bits/Sa Bits Select
H1RTSBS
138
97
R/W
HDLC #1 Transmit Channel Select1
H1TCS1
139
98
R/W
HDLC #1 Transmit Channel Select2
H1TCS2
139
99
R/W
HDLC #1 Transmit Channel Select3
H1TCS3
139
9A
R/W
HDLC #1 Transmit Channel Select4
H1TCS4
139
9B
R/W
HDLC #1 Transmit Time Slot Bits/Sa Bits Select
H1TTSBS
140
9C
R
HDLC #1 Receive Packet Bytes Available
H1RPBA
144
9D
W
HDLC #1 Transmit FIFO
H1TF
145
9E
R
HDLC #1 Receive FIFO
H1RF
145
9F
R
HDLC #1 Transmit FIFO Buffer Available
H1TFBA
144
A0
R/W
HDLC #2 Transmit Control
H2TC
134
A1
R/W
HDLC #2 FIFO Control
H2FC
136
A2
R/W
HDLC #2 Receive Channel Select 1
H2RCS1
137
A3
R/W
HDLC #2 Receive Channel Select 2
H2RCS2
137
A4
R/W
HDLC #2 Receive Channel Select 3
H2RCS3
137
A5
R/W
HDLC #2 Receive Channel Select 4
H2RCS4
137
A6
R/W
HDLC #2 Receive Time Slot Bits/Sa Bits Select
H2RTSBS
138
A7
R/W
HDLC #2 Transmit Channel Select1
H2TCS1
139
A8
R/W
HDLC #2 Transmit Channel Select2
H2TCS2
139
A9
R/W
HDLC #2 Transmit Channel Select3
H2TCS3
139
AA
R/W
HDLC #2 Transmit Channel Select4
H2TCS4
139
AB
R/W
HDLC #2 Transmit Time Slot Bits/Sa Bits Select
H2TTSBS
140
AC
R
HDLC #2 Receive Packet Bytes Available
H2RPBA
144
AD
W
HDLC #2 Transmit FIFO
H2TF
145
AE
R
HDLC #2 Receive FIFO
H2RF
145
AF
R
HDLC #2 Transmit FIFO Buffer Available
H2TFBA
144
B0
R/W
Extend System Information Bus Control Register 1
ESIBCR1
218
B1
R/W
Extend System Information Bus Control Register 2
ESIBCR2
219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com