Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2155 Datasheet(PDF) 49 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 49 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 45Page - Dallas Semiconductor DS2155 Datasheet HTML 46Page - Dallas Semiconductor DS2155 Datasheet HTML 47Page - Dallas Semiconductor DS2155 Datasheet HTML 48Page - Dallas Semiconductor DS2155 Datasheet HTML 49Page - Dallas Semiconductor DS2155 Datasheet HTML 50Page - Dallas Semiconductor DS2155 Datasheet HTML 51Page - Dallas Semiconductor DS2155 Datasheet HTML 52Page - Dallas Semiconductor DS2155 Datasheet HTML 53Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 262 page
background image
DS2156
49 of 262
6.2
Interrupt Handling
Various alarms, conditions, and events in the DS2156 can cause interrupts. For simplicity, these are all
referred to as events in this explanation. All status registers can be programmed to produce interrupts.
Each status register has an associated interrupt mask register. For example, SR1 (status register 1) has an
interrupt control register called IMR1 (interrupt mask register 1). Status registers are the only sources of
interrupts in the DS2156. On power-up, all writeable registers are automatically cleared. Since bits in the
IMRx registers have to be set = 1 to allow a particular event to cause an interrupt, no interrupts can occur
until the host selects which events are to product interrupts. Since there are potentially many sources of
interrupts on the DS2156, several features are available to help sort out and identify which event is
causing an interrupt. When an interrupt occurs, the host should first read the IIR1 and IIR2 registers
(interrupt information registers) to identify which status register (or registers) is producing the interrupt.
Once that is determined, the individual status register or registers can be examined to determine the exact
source. In multiple port configurations, two to eight DS2156s can be connected together by the 3-wire
ESIB feature. This allows multiple DS2156s to be interrogated by a single CPU port read cycle. The host
can determine the synchronization status, or interrupt status of up to eight devices with a single read. The
ESIB feature also allows the user to select from various events to be examined through this method. For
more information, see Section 29.
The U_RSR register in the UTOPIA sections works slightly different than all other status registers. Only
two of the bits in this register are capable of generating interrupts, U_RSR.0 and U_RSR.1. These two
bits, unlike the other status register bits, are only set if the corresponding mask bits U_RCR2.3 and
U_RCR2.4 are set.
Once an interrupt has occurred, the interrupt handler routine should set the INTDIS bit (CCR3.6) to stop
further activity on the interrupt pin. After all interrupts have been determined and processed, the interrupt
hander routine should re-enable interrupts by setting the INTDIS bit = 0.
6.3
Status Registers
When a particular event or condition has occurred (or is still occurring in the case of conditions), the
appropriate bit in a status register is set to a 1. All of the status registers operate in a latched fashion. This
means that if an event or condition occurs a bit is set to a 1. It remains set until the user reads that bit. An
event bit is cleared when it is read and it is not set again until the event has occurred again. Condition bits
such as RBL, RLOS, etc., remain set if the alarm is still present.
The user always proceeds a read of any of the status registers with a write. The byte written to the register
informs the DS2156 which bits the user wishes to read and have cleared. The user writes a byte to one of
these registers, with a 1 in the bit positions the user wishes to read and a 0 in the bit positions the user
does not wish to obtain the latest information on. When a 1 is written to a bit location, the read register is
updated with the latest information. When a 0 is written to a bit position, the read register is not updated
and the previous value is held. A write to the status registers is immediately followed by a read of the
same register. This write-read scheme allows an external microcontroller or microprocessor to
individually poll certain bits without disturbing the other bits in the register. This operation is key in
controlling the DS2156 with higher order languages.
Status register bits are divided into two groups, condition bits and event bits. Condition bits are typically
network conditions such as loss-of-sync or all-ones detect. Event bits are typically markers such as the
one-second timer, elastic store slip, etc. Each status register bit is labeled as a condition or event bit.
Some of the status registers have bits for both the detection of a condition and the clearance of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com