Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5V331 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI5V331
Description  Low ON Resistance Wideband/Video Dual 4-Channel Mux/Demux
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5V331 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI5V331 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5V331 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5V331 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5V331 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5V331 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
PS8117
08/07/97
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI5V331
Low ON Resistance Wideband Video
Dual 4-Channel Mux/Demux
Definitions:
Symbol
Description
RON
Resistance between source and drain with switch in the ON state.
IO
Output leakage current measured at S1, S2, and D with the switch OFF.
VIN
Digital voltage at the IN pin that selects between S1 and S2 analog inputs.
VEN
A voltage that ENABLES the chip.
CIN
Capacitance at the digital inputs.
COFF
Capacitance at analog I/O (S1, S2, D) with switch OFF.
CON
Capacitance at analog I/O (S1, S2, D) with switch ON.
VIH
Minimum input voltage for logic HIGH.
VIL
Minimum input voltage for logic LOW.
IIH (IIL)
Input current of the digital input.
IOS
Minimum short circuit current for S1, S2 and D.
tON
Propagation delay measured between 50% of the digital input to 90% of the analog output when switch is turned
ON. The peak analog voltage is 0.714V.
tOFF
Propagation delay measured between 50% of the digital input to 90% of the analog output when switch is turned
OFF. The peak analog voltage is 0.714V.
BW
Frequency response of the switch in the ON state measured at 3dB down.
XTALK
Is an unwanted signal coupled from channel to channel. Measured in –dB. XTALK = 20 LOG VOUT/VIN. This is
non-adjacent crosstalk.
DG
Differential gain is the difference measurement between two bias levels, for instance analog input signals of 0V to
0.714V.
DP
Differential phase is the difference measurement between two bias levels, for instance analog input signals of 0V
to 0.714V.
OIRR
Off isolation is the resistance (measured in –dB) between the input and output with the switch off (NO).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com