Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5V331 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI5V331
Description  Low ON Resistance Wideband/Video Dual 4-Channel Mux/Demux
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5V331 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI5V331 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5V331 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5V331 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5V331 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5V331 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
PS8117
08/07/97
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI5V331
Low ON Resistance Wideband Video
Dual 4-Channel Mux/Demux
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ENA
IN1
S4A
S3A
S2A
S1A
DA
GND
VCC
ENB
IN0
S4B
S3B
S2B
S1B
DB
Functional Block Diagram
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Product Features
• High-performance, low-cost solution to switch between
video sources
• Wide bandwidth: 150 MHz
• Low ON-resistance: 3Ω
• Low crosstalk at 10 MHz: –58dB
• Ultra-low quiescent power (0.1µA typical)
• Single supply operation: +5.0V
• Fast switching: 10ns
• High-current output: 100mA
• Packages available:
–16-pin150-mil-wideplasticQSOP(Q)
–16-pin150-mil-wideplasticSOIC(W)
• Functionally equivalent to QS4A210
PI5V331
Low ON Resistance Wideband/Video
Dual 4-Channel Mux/Demux
Product Description
Pericom Semiconductor’s PI5V series of mixed signal video
circuits are produced using the Company’s advanced CMOS low
power technology achieving industry leading performance.
The PI5V331 is a true bidirectional Dual 4-channel multiplexer/
demultiplexer that is recommended for both S-Video or composite
video switching applications. The VideoSwitch™ can be driven
from a current output RAMDAC or voltage output composite
video source.
Low ON-resistance and wide bandwidth make it ideal for video
and other applications. Also this device has exceptionally high
current capability which is far greater than most analog switches
offered today.Asingle5Vsupplyis all that is required for operation.
The PI5V331 offers a high-performance, low-cost solution to
switch between video sources.
Truth Table
Pin Name
Description
S1A, S2A
S3A, S4A
S1B, S2B
S3B, S4B
S0, S1
Select Input
ENA, ENB
Enable
DA, DB
GND
Ground
VCC
Power
Product Pin Description
16-Pin Product Configuration
DECODER
ENA
ENB
IN1
IN0
S4B
S3B
S2B
DA
S1B
S4A
S3A
S2A
S1A
DB
Analog Video I/O
(Usually Inputs)
Analog Video I/O
(Usually Outputs)
A
N
EB
N
E1
N
I0
N
IH
C
T
I
W
S
N
O
1X
X
X
A
e
l
b
a
si
D
X1
X
X
B
e
l
b
a
si
D
000
0
1
S A D
- A 1
S
,
B
D
- B
000
1
2
S A D
- A 2
S
,
B
D
- B
00
1
0
3
S A D
- A 3
S
,
B
D
- B
00
1
1
4
S A D
- A 4
S
,
B
D
- B
16-Pin


Similar Part No. - PI5V331

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5V330 PERICOM-PI5V330 Datasheet
426Kb / 9P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Tiger Electronic Co.,Lt...
PI5V330 TGS-PI5V330 Datasheet
466Kb / 9P
Quad SPDT Wide-Bandwidth Video Switch with Low On-state Resistance
logo
Pericom Semiconductor C...
PI5V330A PERICOM-PI5V330A Datasheet
299Kb / 7P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V330AQ PERICOM-PI5V330AQ Datasheet
299Kb / 7P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V330AQE PERICOM-PI5V330AQE Datasheet
299Kb / 7P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
More results

Similar Description - PI5V331

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5V330 PERICOM-PI5V330 Datasheet
426Kb / 9P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI3V512 PERICOM-PI3V512 Datasheet
424Kb / 8P
Low On-Resistance, 3.3V Wideband/Video Switch 5-Port, 2:1 Mux/DeMux
PI5V330A PERICOM-PI5V330A Datasheet
299Kb / 7P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Princeton Technology Co...
PT2328 PTC-PT2328 Datasheet
460Kb / 23P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PT2328 PTC-PT2328_10 Datasheet
460Kb / 23P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Pericom Semiconductor C...
PI5V330SWE PERICOM-PI5V330SWE Datasheet
839Kb / 8P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI3V512QEX PERICOM-PI3V512QEX Datasheet
578Kb / 8P
Low On-Resistance, 3.3V Wideband/Video Switch 5-Port, 2:1 Mux/DeMux
logo
Unisonic Technologies
US5V330 UTC-US5V330 Datasheet
170Kb / 6P
WIDEBAND/VIDEO QUAD 2-CHANNEL MUX/DEMUX WITH LOW ON-RESISTANCE
logo
Pericom Semiconductor C...
PI5V330 PERICOM-PI5V330_13 Datasheet
863Kb / 8P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Diodes Incorporated
PI5V330S DIODES-PI5V330S Datasheet
789Kb / 8P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
12/12/12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com