Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL603USB-B Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # GL603USB-B
Description  USB PS/2 MOUSE MICROCONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL603USB-B Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button GL603USB-B Datasheet HTML 17Page - List of Unclassifed Manufacturers GL603USB-B Datasheet HTML 18Page - List of Unclassifed Manufacturers GL603USB-B Datasheet HTML 19Page - List of Unclassifed Manufacturers GL603USB-B Datasheet HTML 20Page - List of Unclassifed Manufacturers GL603USB-B Datasheet HTML 21Page - List of Unclassifed Manufacturers GL603USB-B Datasheet HTML 22Page - List of Unclassifed Manufacturers GL603USB-B Datasheet HTML 23Page - List of Unclassifed Manufacturers GL603USB-B Datasheet HTML 24Page - List of Unclassifed Manufacturers GL603USB-B Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
21
09/22/00
GL603USB/GL603USB-A/GL603USB-B
Revision 1.4
The GL603USB provides the unique “Full-Range Detection” ability. Over 95% of PC mouse market adopts
photo-sensor system to detect the mechanical movement of the roller inside the mouse. Because the
sensors may have varied characteristic on their output DC voltage level and output moving range, the
mouse manufacturers can’t avoid the expensive process of matching LED and photo-sensor. By providing
those photo-input pins with full-range detection function, the mouse makers can ignore the range difference
between those sensors, so the manufacturing procedure is simple and a huge cost is saved on the
manufacturing line.
By detecting the output signal came from the sensors, Genesys Lo gic’s patented algorithm could learn the
tiny difference of every signal and automatically adjust the threshold for the sensors without any side effect.
This new outstanding design can help the manufacturers decrease their inconvenience on mass -production
line and cut their human and mechanical cost tremendously.
There’s a 4-bit Analog-to-Digital Converter (ADC) module in the GL603USB. The input signal of ADC
can be connected to Port 2.0 ~ Port 2.7. When these I/O pins is used for analog input, the corre sponding
bits in DMODE register should be set to 0 to disable input buffer of Port 2. This can save power consumed
by the pad of Port 2. The PHSEL register is used to select which input connected to the ADC and the
PHVAL register is used to store the digital value converted by the ADC. The Genesys Logic’s proprietary
algorithm can detect any analog waveform from photo-sensor with amplitude larger than 1V. The ADC is a
high-speed converter. It takes less than 500ns to complete the conversion. Because GL603USB is running
at 3 MIPS for USB low speed application, only two dummy instructions should be added between write
PHSEL to read PHVAL.
4.5
CLOCK GENERATOR
The GL603USB build in a clock generator circuit to generate the 12 MHz clock for micro-controller and 6
MHz clock for USB engine use. The clock generator is enabled only when bit 1 of PORTCON1 is cleared.
With the clock generator, we can only use a 6 MHz ceramic resonator or crystal to reduce EMI. The clock
generator can be disabled by code option. When the clock generator is disabled, the 6 MHz clock is used by
micro-controller and USB engine directly. When 12 MHz resonator or crystal is used, the 12 MHz clock is
directly used by micro-controller and divided by 2 before used by USB engine. The clock division can be
programmed by another code option when 12 MHz ceramic resonator or crystal is used.
4.6
GENERAL PURPOSE I/O PORTS
Interface with peripherals is conducted via up to 15 GPIO signals. These 15 signals are divided into two
ports: Port 1 and Port 2. Port 1 contains seven lines (PORT1.0-PORT1.6) and Port 2 contains eight lines
(PORT2.0-PORT2.7). The Port 1 data register is located at data memory address 06h while the Port 2 data
register is located at data memory address 07h.
Port 2 is a low current port with analog input capability suitable for connecting photo-sensor. Port 1 is a
high current port capable of LED drive. PORT1.5 and PORT1.6 (which is combined with USB D+/D-) are
open drain output. Therefore, they can only drive low at output mode and extern al pulled up resistor should
be added. This is enough for PS/2 CLK and DATA. Except these 2 GPIO lines, each GPIO line may
include an internal pull-up or pull-down resistor. Port 2’s internal pull-down resistor value can be
programmed by option-code. Each output drive has slew-rate control to reduce EMI. Please see the
following table for details.
Driving capability
Pull-up resistor
Pull-down resistor
PORT1.0
20 mA
PORT1.1
20 mA
PORT1.2
4 mA
10K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com