Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL603USB-B Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # GL603USB-B
Description  USB PS/2 MOUSE MICROCONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL603USB-B Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button GL603USB-B Datasheet HTML 8Page - List of Unclassifed Manufacturers GL603USB-B Datasheet HTML 9Page - List of Unclassifed Manufacturers GL603USB-B Datasheet HTML 10Page - List of Unclassifed Manufacturers GL603USB-B Datasheet HTML 11Page - List of Unclassifed Manufacturers GL603USB-B Datasheet HTML 12Page - List of Unclassifed Manufacturers GL603USB-B Datasheet HTML 13Page - List of Unclassifed Manufacturers GL603USB-B Datasheet HTML 14Page - List of Unclassifed Manufacturers GL603USB-B Datasheet HTML 15Page - List of Unclassifed Manufacturers GL603USB-B Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
12
09/22/00
GL603USB/GL603USB-A/GL603USB-B
Revision 1.4
4
FUNCTIONAL DESCRIPTION
The Genesys Logic GL603USB micro-controller is optimized for USB & PS/2 combo 2D/3D/4D mouse.
This USB microcontroller conforms to the low-speed (1.5Mbps) requirements of the USB Specification
version 1.1. The micro-controller is a self-contained unit with an USB SIE, an USB transceiver, an 8-bits
RISC-like microcontroller, a timer, data and program memories. It supports one USB device address and
two endpoints (include endpoint 0). The USB transceiver can be disabled in PS/2 mode and D+/D- can be
used as PS/2 CLK and DATA.
4.1
MEMORY ORGANIZATION
The memory in the microcontroller is organized into user program memory in program ROM and data
memory in SRAM space.
4.1.1
Program Memory Organization
The 12-bit Program Counter (PC) is capable of addressing 4K x 14 of program space. However, the
program space of the GL603USB is 2.75K x 14. The program memory space is divided into two functional
groups: Interrupt Vectors and program code. After a reset, the Program Counter points to location zero of
the program space. After a timer interrupt, the Program Counter points the location 0x0004 of the program
space.
After Reset
→
Address
0x0000
Reset Vector
After Timer Interrupt
→
0x0004
Timer Interrupt Vector
0x0005
0x0AFF
2.75K x 14 ROM
Figure 4-1 Program Memory Space
4.1.2
Data Memory Organization
The data memory is partitioned into two banks that contain the General Purpose Registers, MCU Function
Registers and USB Function Registers. Bit BS is the bank select bit.
BS (STATUS<5>) = 1
→ Bank 1
BS (STATUS<5>) = 0
→ Bank 0
The lower locations of each Bank are reserved for MCU Function Registers and USB Function Registers.
Above the MCU Function Registers and USB Function Registers are General Purpose Registers
implemented as SRAM. Both Bank 0 and Bank 1 contain MCU Function Registers. USB Function
Registers are located in Bank 0. Some “high use” MCU Function Registers from Bank 0 are mirrored in
Bank 1 for code reduction and quicker access.
Data Memory
Address
Data Memory
Address
00h
INDR
80h
INDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com