Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS342 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS342
Description  FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS342 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS342 Datasheet HTML 1Page - Integrated Circuit Systems ICS342 Datasheet HTML 2Page - Integrated Circuit Systems ICS342 Datasheet HTML 3Page - Integrated Circuit Systems ICS342 Datasheet HTML 4Page - Integrated Circuit Systems ICS342 Datasheet HTML 5Page - Integrated Circuit Systems ICS342 Datasheet HTML 6Page - Integrated Circuit Systems ICS342 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ICS342
MDS 342 F
1
Revision 090704
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
Field Programmable Dual Output SS VersaClock Synthesizer
Description
The ICS342 is a low cost, dual-output, field
programmable clock synthesizer. The ICS342 can
generate two output frequencies from 250 kHz to 200
MHz, using up to two independently configurable PLLs.
The outputs may employ Spread Spectrum techniques
to reduce system electro-magnetic interference (EMI).
Using ICS’ VersaClockTM software to configure the
PLL and output, the ICS342 contains a One-Time
Programmable (OTP) ROM to allow field
programmability. Programming features include 2
selectable configuration registers. Using Phase-Locked
Loop (PLL) techniques, the device runs from a
standard fundamental mode, inexpensive crystal, or
clock. It can replace multiple crystals and oscillators,
saving board space and cost.
The device also has a power down feature that
tri-states the clock outputs and turns off the PLLs when
the PDTS pin is taken low.
The ICS342 is also available in factory programmed
custom versions for high-volume applications.
Features
8-pin SOIC package
Highly accurate frequency generation
M/N Multiplier PLL: M = 1...2048, N = 1...1024
Output clock frequencies up to 200 MHz
Two ROM locations for frequency and spread
selection
Spread spectrum capability for lower system EMI
Center or Down Spread up to 4% total
Selectable 32 kHz or 120 kHz modulation
Input crystal frequency from 5 to 27 MHz
Input clock frequency from 2 to 50 MHz
Operating voltage of 3.3 V
Advanced, low power CMOS process
For one output clock, use the ICS341. For three
output clocks, see the ICS343. For more than three
outputs, see the ICS345 or ICS348.
Available in Pb (lead) free packaging
Block Diagram
Crystal
Oscillator
PDTS (both outputs and PLL)
OTP ROM
with PLL
Divider
Values
SEL
VDD
GND
CLK1
CLK2
PLL Clock Synthesis,
Spred Spectrum and
Control Circuitry
X2
Crystal or
clock input
External capacitors are
required with a crystal input.
X1/ICLK


Similar Part No. - ICS342

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS342 IDT-ICS342 Datasheet
128Kb / 9P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
More results

Similar Description - ICS342

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS343 ICST-ICS343 Datasheet
149Kb / 7P
Field Programmable Triple Output SS VersaClock Synthesizer
Revision 090704
ICS341 ICST-ICS341 Datasheet
152Kb / 7P
Field Programmable SS VersaClock Synthesizer
Revision 090704
ICS252 ICST-ICS252 Datasheet
153Kb / 9P
Field Programmable Dual Output SS VersaClock Synthesizer
Revision 011606
logo
Integrated Device Techn...
ICS252 IDT-ICS252 Datasheet
210Kb / 11P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
ICS251 IDT-ICS251 Datasheet
216Kb / 10P
FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
ICS251 IDT-ICS251_99 Datasheet
90Kb / 10P
Field Programmable SS VersaClock Synthesizer
ICS252 IDT-ICS252_12 Datasheet
115Kb / 10P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
ICS341 IDT-ICS341 Datasheet
114Kb / 9P
FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
ICS342 IDT-ICS342 Datasheet
128Kb / 9P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
ICS343 IDT-ICS343 Datasheet
127Kb / 9P
FIELD PROGRAMMABLE TRIPLE OUTPUT SS VERSACLOCK SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com