Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2453 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2453
Description  Monolithic Triple 6 nS CRT Driver With Integrated Clamp and G1 Blanking
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2453 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2453 Datasheet HTML 1Page - National Semiconductor (TI) LM2453 Datasheet HTML 2Page - National Semiconductor (TI) LM2453 Datasheet HTML 3Page - National Semiconductor (TI) LM2453 Datasheet HTML 4Page - National Semiconductor (TI) LM2453 Datasheet HTML 5Page - National Semiconductor (TI) LM2453 Datasheet HTML 6Page - National Semiconductor (TI) LM2453 Datasheet HTML 7Page - National Semiconductor (TI) LM2453 Datasheet HTML 8Page - National Semiconductor (TI) LM2453 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DC CLAMP Electrical Characteristic Targets and Limits (See Figure 11 for Test Circuit)
Unless otherwise noted: V
CC1 = +80V, VCC2 = 120V, VBB = +8V, TC = 50˚C, VREF = 1.735V, SW1 open.
HEATSINK MUST BE GROUNDED.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
CC2
V
CC2 Supply Current
All 3 Channels V
IN = 1.20 VDC
47
mA
V
OUT
DC Output Voltage
No AC Input Signal, V
IN = 1.400V
87
92
97
V
DC
A
VTYP
Typical DC Voltage Gain
No AC Input Signal
73
LE
TYP
Typical Linearity Error
No AC Input Signal (Note 6)
2
%
Note 6: Linearity Error is the variation in DC gain from VIN = 1.0V to VIN = 1.6V.
Clamp Amplifier Test Circuit
Figure 7 shows the test circuit for evaluation of the LM2453 clamp amplifier. A high impedance VM (>100 M
Ω) is used for DC
measurements at the outputs.
DS101302-11
FIGURE 11. Test Circuit (One Channel)
DS101302-12
FIGURE 12. Clamp Circuit V
O vs. VIN
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com