Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2453 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2453
Description  Monolithic Triple 6 nS CRT Driver With Integrated Clamp and G1 Blanking
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2453 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2453 Datasheet HTML 1Page - National Semiconductor (TI) LM2453 Datasheet HTML 2Page - National Semiconductor (TI) LM2453 Datasheet HTML 3Page - National Semiconductor (TI) LM2453 Datasheet HTML 4Page - National Semiconductor (TI) LM2453 Datasheet HTML 5Page - National Semiconductor (TI) LM2453 Datasheet HTML 6Page - National Semiconductor (TI) LM2453 Datasheet HTML 7Page - National Semiconductor (TI) LM2453 Datasheet HTML 8Page - National Semiconductor (TI) LM2453 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Special Features
MULTIPLEXED VIDEO SIGNAL INPUT
The LM2453 accepts the multiplexed video signal from the
LM1253 which contains the video signal and DC clamp level.
This multiplexed signal is shown in
Figure 3. It was designed
to simplify the interface between the pre-amp and CRT
Driver. Slightly over 1V of dynamic range is provided for the
video and OSD portions of the waveform. The clamp signal
control voltage range is approximately 0.9V. The typical
numbers for the black and white levels shown correspond to
a nominal swing of 40 V
P-P (from 25 to 65) at the video out-
puts of the LM2453. The clamp pulse lower level is used to
set the voltage at the clamp outputs of the LM2453.
DS101302-3
FIGURE 3. National LM1253 Multiplexed Video Signal
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com