Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA05CT Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # ESDA05CT
Description  Ultra low leakage: nA level
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

ESDA05CT Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  ESDA05CT Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd ESDA05CT Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd ESDA05CT Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ESDA05CT
Bidirectional TVS Diode
Features
●
Ultra low leakage: nA level
●
Operating voltage: 5V
●
Low clamping voltage
●
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±15kV
Contact discharge: ±8kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lightning) 12A (8/20μs)
●
RoHS Compliant
Applications
●
USB 2.0 power and data line
●
Set-top box and digital TV
●
Digital video interface (DVI)
●
Notebook Computers
●
SIM Ports
●
10/100 Ethernet
Dimensions SOD-523
Pin Configuration
Mechanical Characteristics
●
Package: SOD-523
●
Lead Finish: Lead Free
●
UL Flammability Classification Rating 94V-0
●
Quantity Per Reel:3,000pcs
●
Reel Size:7 inch
Rev : 01.06.2014
1/3
www.leiditech.com
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppp
100
W
ESD per IEC 61000−4−2 (Air)
VESD
± 15
Kv
ESD per IEC 61000−4−2 (Contact)
± 8
Operating Temperature Range
TJ
-55 to +125
℃
Storage Temperature Range
TSTJ
-55 to +150
℃


Similar Part No. - ESDA05CT

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ESDA05CT30 LEIDITECH-ESDA05CT30 Datasheet
975Kb / 4P
Bidirectional TVS Diode
ESDA05CTL LEIDITECH-ESDA05CTL Datasheet
319Kb / 3P
Bidirectional TVS Diode
More results

Similar Description - ESDA05CT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25100 TI1-BQ25100_16 Datasheet
1Mb / 32P
75-nA Battery Leakage
BQ25100B TI1-BQ25100B Datasheet
1Mb / 34P
75-nA Battery Leakage
logo
Shanghai Leiditech Elec...
ESDA08CP LEIDITECH-ESDA08CP Datasheet
258Kb / 3P
Ultra low leakage: nA level
PESD1CAN-U LEIDITECH-PESD1CAN-U Datasheet
421Kb / 3P
Ultra low leakage: nA level
LC0504W LEIDITECH-LC0504W Datasheet
1Mb / 4P
Ultra low leakage: nA level
ESD5Z5L LEIDITECH-ESD5Z5L Datasheet
691Kb / 4P
Ultra low leakage: nA level
SMC24-323 LEIDITECH-SMC24-323 Datasheet
384Kb / 3P
Ultra low leakage: nA level Low clamping voltage
ESD25CT8 LEIDITECH-ESD25CT8 Datasheet
4Mb / 7P
Ultra low leakage: nA level
logo
First Silicon Co., Ltd
FTVESD0512S6 FS-FTVESD0512S6 Datasheet
422Kb / 4P
Ultra low leakage: nA level
2021. 12. 29 Revision No : 0
FTVESD0512X6 FS-FTVESD0512X6 Datasheet
356Kb / 4P
Ultra low leakage: nA level
2022. 01. 03 Revision No : 0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com