Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC15I Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LC15I
Description  LOW CAPACITANCE TVS DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LC15I Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LC15I Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LC15I Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LC15I Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LC15I
LOW CAPACITANCE TVS DIODE
Features
●
Ultra low leakage: nA level
●
Operating voltage: 15V
●
Low clamping voltage
●
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±15kV
Contact discharge: ±8kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lightning) 12A (8/20μs)
●
RoHS Compliant
Applications
●
USB 2.0 power and data line
●
Set-top box and digital TV
●
Digital video interface (DVI)
●
Notebook Computers
●
SIM Ports
●
10/100 Ethernet
Dimensions SOD-323
Pin Configuration
Mechanical Characteristics
●
Package: SOD-323
●
Lead Finish: Lead Free
●
UL Flammability Classification Rating 94V-0
●
Quantity Per Reel:3,000pcs
●
Reel Size:7 inch
Rev : 01.06.2014
1/3
www.leiditech.com
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppp
350
W
ESD per IEC 61000−4−2 (Air)
VESD
±15
Kv
ESD per IEC 61000−4−2 (Contact)
±8
Operating Temperature Range
TJ
-55 to +125
℃
Storage Temperature Range
TSTJ
-55 to +150
℃


Similar Part No. - LC15I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LC15 MICROSEMI-LC15 Datasheet
79Kb / 2P
TRANSIENT ABSORPTION ZENER
LC15 MICROSEMI-LC15 Datasheet
586Kb / 4P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LC15 MICROSEMI-LC15 Datasheet
196Kb / 4P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC15 NJSEMI-LC15 Datasheet
175Kb / 3P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
LC150 MICROSEMI-LC150 Datasheet
79Kb / 2P
TRANSIENT ABSORPTION ZENER
More results

Similar Description - LC15I

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD8V0L INFINEON-ESD8V0L_09 Datasheet
570Kb / 9P
Low Capacitance TVS Diode
2009-07-07
logo
Shanghai Leiditech Elec...
LC12I LEIDITECH-LC12I Datasheet
130Kb / 3P
LOW CAPACITANCE TVS DIODE
LC3301CW LEIDITECH-LC3301CW Datasheet
130Kb / 3P
LOW CAPACITANCE TVS DIODE
LC03ILVB LEIDITECH-LC03ILVB Datasheet
816Kb / 6P
LOW CAPACITANCE TVS DIODE
LC2511CCW LEIDITECH-LC2511CCW Datasheet
356Kb / 3P
LOW CAPACITANCE TVS DIODE
LC3311DCW LEIDITECH-LC3311DCW Datasheet
193Kb / 3P
LOW CAPACITANCE TVS DIODE
WS05DLC LEIDITECH-WS05DLC Datasheet
385Kb / 3P
LOW CAPACITANCE TVS DIODE
ESD3F7VW LEIDITECH-ESD3F7VW Datasheet
645Kb / 4P
LOW CAPACITANCE TVS DIODE
logo
Diodes Incorporated
T5V0LCS5 DIODES-T5V0LCS5 Datasheet
359Kb / 4P
LOW CAPACITANCE TVS DIODE
October 2021
logo
TECH PUBLIC Electronics...
TPESD0522P TECHPUBLIC-TPESD0522P Datasheet
1Mb / 4P
Low Capacitance TVS Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com