Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL490B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SL490B
Description  REMOTE CONTROL TRANSMITTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SL490B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SL490B Datasheet HTML 1Page - List of Unclassifed Manufacturers SL490B Datasheet HTML 2Page - List of Unclassifed Manufacturers SL490B Datasheet HTML 3Page - List of Unclassifed Manufacturers SL490B Datasheet HTML 4Page - List of Unclassifed Manufacturers SL490B Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2
SL490B
ELECTRICAL CHARACTERISTICS
These characteristics are guaranteed over the following conditions (unless otherwise stated):
TAMB = 125°C, VCC = 17V to 110·5V. Test circuit: Fig. 4. Timings are defined in Fig. 3.
Characteristic
Value
Min.
4
4
17
17
2,3
2
3
5-15
18
16
2,3
2,3
2,3
2,3
2,3
2,3
4·1
VCC21
20
15
1·4
0·11t1
Pin
9·5
40
30
3t1
Typ.
Max.
16
10
4·9
1
1
1
5
80
60
610
610
64
64
1·6
0·22t1
Units
mA
µA
V
mA
V
V
V
k
Ω
k
Ω
k
Ω
%
%
%
%
VCC = 9·5V
Unloaded
I2 = 10mA
I3 = 5mA
C2 = 680pF, fC ≈ 50kHz; see Fig. 4
R1 = 15k
Ω
R1 = 60k
Ω
Derived by counting
Conditions
t1 = 0·95C1R1, see
Fig. 4
DVCC = 3·5V (7V to 10·5V)
Operating supply current
Standby supply current
Regulated voltage, VREG
Regulator output current, IREG
Output voltage swing
Output voltage
Output voltage
Keypad switch resistance
Carrier time constant resistor, R2
PPM time constant resistor, R1
t1 deviation from calculated value,
using fixed timing components
Variation of t1 and t0 with VCC
Dt1
Dt0
Ratio t0/t1
Pulse width, tP
Interword gap, tg
1
10V
10
11
12
13
14
15
16
17
18
9
8
7
6
5
4
3
2
1
SL490B
VCC
C2
680p
C1
0·22
µ
1
µ
R2
100k
=
5k
EDC
000
001
010
011
100
101
110
111
BA
00
BA
01
BA
10
BA
11
0·1
µ
0·1
µ
1·8k
900
TO
SCOPE
t1 ≈ 0·95 C1 R1
1
—
≈ 0·7 C2 R2
fc
40k
15k
R1
Fig. 4 Test circuit
tg
t0
t1
tP
1
0
1
1
0
1
0
Fig. 3 PPM word notation and timing definitions
peak value ,1ms



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com