Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL490B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SL490B
Description  REMOTE CONTROL TRANSMITTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SL490B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SL490B Datasheet HTML 1Page - List of Unclassifed Manufacturers SL490B Datasheet HTML 2Page - List of Unclassifed Manufacturers SL490B Datasheet HTML 3Page - List of Unclassifed Manufacturers SL490B Datasheet HTML 4Page - List of Unclassifed Manufacturers SL490B Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VCC
VREG
PPM OUTPUT
PPM TIME CONSTANT
CARRIER TIME CONSTANT
5
6
7
8
9
10
11
12
13
14
15
1
ROW
ENCODER
COLUMN
ENCODER
SWITCH
MATRIX
CURRENT
SOURCES
SWITCH
MATRIX
CURRENT
SINKS
CODE
REGISTER
MULTIPLEX
3-BIT
COUNTER
SUPPLY
SWITCH
AND
REGULATOR
PULSE
POSITION
MODULATOR
CARRIER
OSCILLATOR
OUTPUT
AMPLIFIER
SWITCH
CURRENT
SELECTOR
4
17
2
3
16
18
Fig. 2 SL486 block diagram
0V AND XXX00
VCC (19V)
000XX
001XX
010XX
011XX
100XX
CARRIER TIME CONSTANT
REGULATED VOLTAGE, VREG
PPM TIME CONSTANT
XXX01
XXX10
XXX11
111XX
110XX
101XX
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
SL490B
SELECTION
MATRIX
CURRENT
SOURCES
SELECTION
MATRIX
CURRENT
SINKS
SELECTION
MATRIX
CURRENT
SOURCES
OUTPUT
DP18
Fig. 1 Pin connections - top view
QUICK REFERENCE DATA
s Power Supply: 9V Standby 6
µA, Operating 8mA
s Modulation: Pulse Position with or without Carrier
s Coding: 5-Bit Word giving a Primary Command Set of
32 Commands
s Key Entry: 8 3 4 Single Pole Key Matrix
s Data Rate: Selectable 1Bit/Sec to 10kBit/Sec.
s Carrier Frequency: Selectable 0Hz (No Carrier)
to 200kHz
SL490B
REMOTE CONTROL TRANSMITTER
0V
ABSOLUTE MAXIMUM RATINGS
Supply voltage, VCC
Total power dissipation
Operating temperature range
Storage temperature range
19·5V
600mW
210
°C to 160°C
255
°C to1150°C
ORDERING INFORMATION
SL490B NA DP
3056-1.3
APRIL 1995
GPS has developed and produced a range of monolithic
integrated circuits which give a wide variety of remote control
facilities. As well as ultrasonic or infra-red transmission,
cable, radio or telephone links may also be used. Pulse
Position Modulation (PPM) is used with or without carrier and
automatic error detection is incorporated. Initially designed
with TV remote control in mind, the device is also suitable for
use in radios, tuners, tape and record decks, lamps and
lighting, toys and models, industrial control and monitoring.
The SL490B is an easily extendable, 32-command PPM
transmitter drawing negligible standby current.
FEATURES
s Ultrasonic or Infra-Red Transmission
s Direct Drive or Ultrasonic Transducer
s Direct Drive of Visible LED when using Infra-Red
s Very Low Power Requirements
s Pulse Position Modulation gives Excellent Immunity
from Noise and Multipath Reflections
s Single Pole Key Matrix
s Switch Resistance up to 1k
Ω Tolerated
s Low External Component Count
s On-Chip Anti-Bounce Circuitry
(Supersedes version in April 1994 Consumer IC Handbook, HB3120 - 2.0)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com