Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2468 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2468
Description  Monolothic Triple 14nS High Gain CRT Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2468 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2468 Datasheet HTML 1Page - National Semiconductor (TI) LM2468 Datasheet HTML 2Page - National Semiconductor (TI) LM2468 Datasheet HTML 3Page - National Semiconductor (TI) LM2468 Datasheet HTML 4Page - National Semiconductor (TI) LM2468 Datasheet HTML 5Page - National Semiconductor (TI) LM2468 Datasheet HTML 6Page - National Semiconductor (TI) LM2468 Datasheet HTML 7Page - National Semiconductor (TI) LM2468 Datasheet HTML 8Page - National Semiconductor (TI) LM2468 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Absolute Maximum Ratings (Notes 1, 3)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage, V
CC
+90V
Bias Voltage, V
BB
+16V
Input Voltage, V
IN
0V to 4.5V
Storage Temperature Range, T
STG
-65˚C to +150˚C
Lead Temperature (Soldering, <10sec.)
300˚C
ESD Tolerance, Human Body Model
2kV
Limits of Operating Ranges (Note 2)
V
CC
+60V to +85V
V
BB
+8V to 15V
V
IN
0V to +3.75V
V
OUT
+15V to +75V
Case Temperature
-20˚C to +115˚C
Do not operate the part without a heat sink.
Electrical Characteristics
(See
Figure 3 for Test Circuit)
Unless otherwise noted: V
CC = +80V, VBB = +12V, CL = 8pF, TC = 50˚C.
DC Tests: V
IN = +2.25VDC
AC Tests: Output = 40V
PP (25V - 65V) at 1MHz
Symbol
Spec Parameter
Conditions
Min
Typ
Max
Units
I
CC
Supply Current
Three Channels, No Input Signal,
No Output Load
18
25
mA
I
BB
Bias Current
All three Channels
14
20
mA
V
OUT
DC Output Voltage
No AC Input Signal, V
IN = 1.25V
62
65
68
V
DC
A
V
DC Voltage Gain
No AC Input Signal
-18
-20
-22
∆A
V
Gain Matching
Note 4, No AC Input Signal
1.0
dB
LE
Linearity Error
Note 4, 5, No AC Input Signal
5
%
t
R
Rise Time
Note 6, 10% to 90%
14
nS
t
F
Fall Time
Note 6, 90% to 10%
14
nS
OS
Overshoot
Note 6
1
%
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
Note 2: Operating Ratings indicate conditions for which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and
the test conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics may
change when the device is not operated under the listed test conditions.
Note 3: All voltages are measured with respect to GND, unless otherwise specified.
Note 4: Calculated value from Voltage Gain test on each channel.
Note 5: Linearity Error is the variation in DC Gain from Vin = 1.0 volts to Vin = 3.5 volts.
Note 6: Input from signal generator: tR,tF < 1nS.
AC Test Circuit
DS200135-3
Note 7: 8 pF load includes parasitics and FET probe (if used).
Note 8: The heatsink must be grounded.
Note 9: Compensation Cap is chosen for good correlation to FET probe.
Note 10: Input and output cables should be low loss 50
Ω coax, less than 1M long.
FIGURE 3. Test Circuit (One Channel)
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com