Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2468 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2468
Description  Monolothic Triple 14nS High Gain CRT Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2468 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2468 Datasheet HTML 1Page - National Semiconductor (TI) LM2468 Datasheet HTML 2Page - National Semiconductor (TI) LM2468 Datasheet HTML 3Page - National Semiconductor (TI) LM2468 Datasheet HTML 4Page - National Semiconductor (TI) LM2468 Datasheet HTML 5Page - National Semiconductor (TI) LM2468 Datasheet HTML 6Page - National Semiconductor (TI) LM2468 Datasheet HTML 7Page - National Semiconductor (TI) LM2468 Datasheet HTML 8Page - National Semiconductor (TI) LM2468 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LM2468
Monolothic Triple 14nS High Gain CRT Driver
General Description
The LM2468 is an integrated high voltage CRT driver circuit
designed for use in color monitor applications. The IC con-
tains three high input impedance wide band amplifiers,
which directly drive the RGB cathodes of a CRT. Each
channel has its gain internally set to -20 and can drive CRT
capacitive loads as well as resistive loads present in other
applications, limited only by the package’s power dissipation.
The IC is packaged in an industry standard 9 lead TO-220
molded plastic package.
Features
n
Higher gain to accommodate CMOS preamplifiers
n
0V to 3.75V input range
n
Stable with 0-20pF capacitive loads and inductive
peaking networks
n
Matched to the LM126X series preamplifier and
LM2479/2480 bias clamp
n
Maintains standard LM243X Family Pinout which is
designed for easy PCB layout
n
Convenient TO-220 staggered 9 lead package style
Applications
n
Up to 1024 X 768 at 60 Hz (or 800 X 600 at 72/75 Hz)
n
Pixel clock frequencies up to
∼50 MHz
n
Monitors using video blanking
Schematic Diagram
Connection Diagram
DS200135-1
FIGURE 1. Simplified Schematic Diagram (One
Channel)
DS200135-2
Note: Tab is at GND.
FIGURE 2. Top View
Order Number: LM2468TA
NS package Number: TA09A
December 2000
© 2000 National Semiconductor Corporation
DS200135
www.national.com


Similar Part No. - LM2468

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM246 STMICROELECTRONICS-LM246 Datasheet
143Kb / 9P
PROGRAMMABLE QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Nov-1997
LM246 STMICROELECTRONICS-LM246 Datasheet
149Kb / 4P
PROGRAMMABLE QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Apr-2003
logo
National Semiconductor ...
LM2460 NSC-LM2460 Datasheet
951Kb / 11P
Monolithic Triple Channel High Swing CRT Driver
logo
Texas Instruments
LM2460 TI1-LM2460 Datasheet
2Mb / 13P
Monolithic Triple Channel High Swing CRT Driver
logo
National Semiconductor ...
LM2460TA NSC-LM2460TA Datasheet
951Kb / 11P
Monolithic Triple Channel High Swing CRT Driver
More results

Similar Description - LM2468

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2465 NSC-LM2465 Datasheet
425Kb / 12P
Monolithic Triple 5.5 ns High Gain CRT Driver
LM2469 NSC-LM2469 Datasheet
445Kb / 10P
Monolothic Triple 9nS High Gain CRT Driver
logo
Calogic, LLC
CVA1404T CALOGIC-CVA1404T Datasheet
68Kb / 4P
Triple CRT Driver
CVA1405T CALOGIC-CVA1405T Datasheet
66Kb / 4P
Triple CRT Driver
CVA1406T CALOGIC-CVA1406T Datasheet
49Kb / 3P
High Voltage Triple CRT Driver
CVA2404T CALOGIC-CVA2404T Datasheet
48Kb / 3P
Triple CRT Driver
CVA2407T CALOGIC-CVA2407T Datasheet
35Kb / 3P
Triple CRT Driver
CVA6627S CALOGIC-CVA6627S Datasheet
47Kb / 4P
Triple 140MHz CRT Driver
CVA6629S CALOGIC-CVA6629S Datasheet
72Kb / 9P
Triple 180MHz CRT Driver
CVA2408T CALOGIC-CVA2408T Datasheet
38Kb / 3P
Triple CRT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com