Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDF1178AS7 Datasheet(PDF) 3 Page - Shoulder Electronics Limited.

Part # HDF1178AS7
Description  This specification shall cover the characteristics of SAW filter with HDF1178A used for the page system
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF1178AS7 Datasheet(HTML) 3 Page - Shoulder Electronics Limited.

  HDF1178AS7 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF1178AS7 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF1178AS7 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF1178AS7 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF1178AS7 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF1178AS7 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF1178AS7 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF1178AS7 Datasheet HTML 8Page - Shoulder Electronics Limited. HDF1178AS7 Datasheet HTML 9Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SAW FILTER
HDF1178A S-7
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 3 of 9
1. SCOPE
This specification shall cover the characteristics of SAW filter with HDF1178A used for the
page system.
2. ELECTRICAL SPECIFICATION
Maximum Input Power
+10dBm
DC voltage
10V
Storage Temperature Range
-45℃ to +85℃
Operation Temperature Range
-40℃ to +85℃
2.2 Electronic Characteristics
Operating temperature range: T = –40 °C ... +85 °C
Terminating source impedance: ZS = 150 Ω
Terminating load impedance: ZL = 150Ω
Parameter
Min.
Typical.
Max.
Unit
Center Frequency
1176.12
1178.12
1180.12
MHz
Insertion loss(1158.12---1198.12 MHz)
3.5
4.5
dB
-1.5dB Bandwidth
51
MHz
Passband ripple
1.5
2.0
Rejection:
50 MHz—1096 MHz
1260 MHz—2000 MHz
40
40
dB
Group Delay Variation
19
25
ns
Temperature Coefficient
32
ppm/°C
Package Size
SMD-7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com