Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDF1178AS7 Datasheet(PDF) 6 Page - Shoulder Electronics Limited.

Part # HDF1178AS7
Description  This specification shall cover the characteristics of SAW filter with HDF1178A used for the page system
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF1178AS7 Datasheet(HTML) 6 Page - Shoulder Electronics Limited.

  HDF1178AS7 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF1178AS7 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF1178AS7 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF1178AS7 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF1178AS7 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF1178AS7 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF1178AS7 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF1178AS7 Datasheet HTML 8Page - Shoulder Electronics Limited. HDF1178AS7 Datasheet HTML 9Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SAW FILTER
HDF1178A S-7
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 6 of 9
Subject the device terminals into the solder bath at 245℃ ±5℃ for 5s, More than 95%
area of the terminals must be covered with new solder. It shall meet the specifications in
2.2.
5-6 Mechanical shock
Drop the device randomly onto the concrete floor from the height of 1m 3 times. the device
shall fulfill the specifications in 2.2.
5-7 Vibration
Subject the device to the vibration for 1 hour each in x,y and z axes with the amplitude
of 1.5 mm at 10 to 55 Hz. The device shall fulfill the specifications in 2.2.
6. REMARK
6.1 Static voltage
Static voltage between signal load & ground may cause deterioration &destruction
of the component. Please avoid static voltage.
6.2 Ultrasonic cleaning
Ultrasonic vibration may cause deterioration & destruction of the component. Please
avoid ultrasonic cleaning
6.3 Soldering
Only leads of component may be soldered. Please avoid soldering another part of
component.
7. Packing
7.1 Dimensions
(1) Carrier Tape: Figure 1
(2) Reel: Figure 2
(3) The product shall be packed properly not to be damaged during transportation and storage.
7.2 Reeling Quantity
1000 pcs/reel
7’’
3000 pcs/reel
13’’
7.3 Taping Structure
(1) The tape shall be wound around the reel in the direction shown below.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com