Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9325 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV9325
Description  Vertical Deflection Booster for 2.5-APPTV/Monitor Applications with 70-V Flyback Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9325 Datasheet(HTML) 1 Page - STMicroelectronics

  STV9325 Datasheet HTML 1Page - STMicroelectronics STV9325 Datasheet HTML 2Page - STMicroelectronics STV9325 Datasheet HTML 3Page - STMicroelectronics STV9325 Datasheet HTML 4Page - STMicroelectronics STV9325 Datasheet HTML 5Page - STMicroelectronics STV9325 Datasheet HTML 6Page - STMicroelectronics STV9325 Datasheet HTML 7Page - STMicroelectronics STV9325 Datasheet HTML 8Page - STMicroelectronics STV9325 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DATASHEET
June 2004
Revision 1.5
®
STV9325
Vertical Deflection Booster
for 2.5-APPTV/Monitor Applications with 70-V Flyback Generator
Main Features
■ Power Amplifier
■ Flyback Generator
■ Stand-by Control
■ Output Current up to 2.5 App
■ Thermal Protection
Description
The STV9325 is a vertical deflection booster
designed for TV and monitor applications.
This device, supplied with up to 35 V, provides up to
2.5 App output current to drive the vertical
deflection yoke.
The internal flyback generator delivers flyback
voltages up to 75 V.
In double-supply applications, a stand-by state will
be reached by stopping the (+) supply alone.
HEPTAWATT
(Plastic Package)
ORDER CODE: STV9325
7
6
5
4
3
2
1
Tab connected
Input (Non Inverting)
Output Stage Supply
Output
Ground Or Negative Supply
Flyback Generator
Supply Voltage
Input (Inverting)
to pin 4
1
Thermal
Protection
6
4
3
5
STV9325
+
-
Power
Amplifier
7
2
Flyback
Generator
Inverting
Non-Inverting
Input
Input
Ground or Negative Supply
Output
Flyback
Generator
Output Stage
Supply
Voltage
Supply


Similar Part No. - STV9325

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV9326 STMICROELECTRONICS-STV9326 Datasheet
319Kb / 14P
Vertical Deflection Booster for 3-APPTV/Monitor Applications with 60-V Flyback Generator
Jun-2004
More results

Similar Description - STV9325

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4800 PHILIPS-TDA4800 Datasheet
90Kb / 16P
Vertical deflection circuit for monitor applications
1997 Mar 27
TDA4863J PHILIPS-TDA4863J Datasheet
105Kb / 20P
Vertical deflection booster
2000 Aug 17
logo
STMicroelectronics
STV9379 STMICROELECTRONICS-STV9379 Datasheet
48Kb / 5P
VERTICAL DEFLECTION BOOSTER
Aug-1998
TDA8171 STMICROELECTRONICS-TDA8171 Datasheet
72Kb / 4P
VERTICAL DEFLECTION BOOSTER
Dec-1998
STV9302A STMICROELECTRONICS-STV9302A Datasheet
327Kb / 15P
VERTICAL DEFLECTION OUTPUT FOR MONITOR / TV 2 App / 60 V WITH FLYBACK GENERATOR
Sep-2003
STV9326 STMICROELECTRONICS-STV9326 Datasheet
319Kb / 14P
Vertical Deflection Booster for 3-APPTV/Monitor Applications with 60-V Flyback Generator
Jun-2004
STV8172A STMICROELECTRONICS-STV8172A Datasheet
320Kb / 14P
Vertical Deflection Booster for 3-APPTV/Monitor Applications with 70-V Flyback Generator
Jun-2004
logo
Unisonic Technologies
T8177 UTC-T8177 Datasheet
182Kb / 5P
VERTICAL DEFLECTION BOOSTER
logo
STMicroelectronics
TDA8177F STMICROELECTRONICS-TDA8177F_05 Datasheet
166Kb / 9P
VERTICAL DEFLECTION BOOSTER
29-Mar-2005
STV9379A STMICROELECTRONICS-STV9379A_03 Datasheet
159Kb / 6P
VERTICAL DEFLECTION BOOSTER
Sep-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com