Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9325 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STV9325
Description  Vertical Deflection Booster for 2.5-APPTV/Monitor Applications with 70-V Flyback Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9325 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STV9325 Datasheet HTML 2Page - STMicroelectronics STV9325 Datasheet HTML 3Page - STMicroelectronics STV9325 Datasheet HTML 4Page - STMicroelectronics STV9325 Datasheet HTML 5Page - STMicroelectronics STV9325 Datasheet HTML 6Page - STMicroelectronics STV9325 Datasheet HTML 7Page - STMicroelectronics STV9325 Datasheet HTML 8Page - STMicroelectronics STV9325 Datasheet HTML 9Page - STMicroelectronics STV9325 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Application Hints
STV9325
6/14
4.1.1.1 Centering
Display will be centered (null mean current in yoke) when voltage on pin 7 is (R1 is negligible):
4.1.1.2 Peak Current
Example: for Vm =2 V, VM = 5 V and IP =1A
Choose R1 in the1 Ω range, for instance R1=1 Ω
From equation of peak current:
Then choose R2 or R3. For instance, if R2 = 10 kΩ, then R3 = 15 kΩ
Finally, the bias voltage on pin 7 should be:
4.1.2
Ripple Rejection
When both ramp signal and bias are provided by the same driver IC, you can gain natural rejection
of any ripple caused by a voltage drop in the ground (see Figure 5), if you manage to apply the
same fraction of ripple voltage to both booster inputs. For that purpose, arrange an intermediate
point in the bias resistor bridge, such that (R8 / R7) = (R3 / R2), and connect the bias filtering
capacitor between the intermediate point and the local driver ground. Of course, R7 should be
connected to the booster reference point, which is the ground side of R1.
Figure 5: Ripple Rejection
V
7
V
M
V
m
+
2
------------------------
R
2
R
2
R
3
+
----------------------
⎝⎠
⎜⎟
⎛⎞
×
=
I
P
V
M
V
m
–
()
2
-----------------------------
R
2
R
1
xR
3
-------------------
×
=
R
2
R
3
-------
2I
P
R
1
×
×
V
M
V
m
–
-----------------------------
2
3
---
=
=
V
7
V
M
V
m
+
2
------------------------
1
1
R
3
R
2
-------
+
-----------------
×
7
2
----
1
2.5
--------
×
1.4V
=
=
=
R3
R2
R1
Rd
Yoke
Ly
Power
Amplifier
Flyback
Generator
Thermal
Safety
7
32
5
6
1
4
+
-
R7
R8
R9
Reference
Voltage
Ramp
Signal
Driver
Ground
Source of Ripple



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com