Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2480 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2480
Description  80V Triple Bias Clamp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2480 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2480 Datasheet HTML 1Page - National Semiconductor (TI) LM2480 Datasheet HTML 2Page - National Semiconductor (TI) LM2480 Datasheet HTML 3Page - National Semiconductor (TI) LM2480 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LM2480
80V Triple Bias Clamp
General Description
The LM2480 driver is an Integrated 80V triple bias clamp
circuit for DC recovery of each of the AC coupled outputs of
a CRT driver. It is well matched with the DAC outputs of the
LM126X family of pre-amplifiers. Each amplifier has its gain
internally set to -18. The IC is packaged in an industry
standard 8 lead molded DIP package.
Features
n
Wide range integrated triple bias clamp
n
High input impedance
n
Single supply operation
n
Matched to the LM126X family of preamplifiers
Recommended Applications
n
CRT monitors requiring DC restoration at the cathodes
Block Diagrams
Package Pinout
20008301
FIGURE 1. Simplified Schematic (One Channel)
20008302
FIGURE 2. LM2480 Package Pinout
Order Number LM2480NA
NS Package Number: N08E
October 2001
© 2001 National Semiconductor Corporation
DS200083
www.national.com


Similar Part No. - LM2480

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM248 NSC-LM248 Datasheet
388Kb / 15P
Quad 741 Op Amps LM149 Wide Band Decompensated (AV MIN = 5)
logo
STMicroelectronics
LM248 STMICROELECTRONICS-LM248 Datasheet
139Kb / 9P
FOUR UA741 QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Nov-1997
logo
Texas Instruments
LM248 TI-LM248 Datasheet
399Kb / 12P
QUADRUPLE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM248 STMICROELECTRONICS-LM248 Datasheet
97Kb / 5P
QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Mar-2002
logo
Texas Instruments
LM248 TI2-LM248 Datasheet
1Mb / 19P
QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED DECEMBER 2002
More results

Similar Description - LM2480

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2479 NSC-LM2479 Datasheet
78Kb / 4P
120V Triple Bias Clamp
LM2485 NSC-LM2485 Datasheet
858Kb / 8P
220V Triple Bias Clamp with G1 Blank Amplifier
LM2476 NSC-LM2476 Datasheet
1Mb / 12P
Monolithic Triple Channel 6.5 ns High Gain CRT Driver and Bias Clamp
LM2483 NSC-LM2483 Datasheet
706Kb / 8P
180V Triple Bias Clamp
LM2481 NSC-LM2481 Datasheet
451Kb / 8P
145V Triple Bias Clamp
logo
Monolithic Power System...
EV0074 MPS-EV0074 Datasheet
245Kb / 5P
Triple Output TFT Bias Converter
logo
Intersil Corporation
ISL6720A INTERSIL-ISL6720A Datasheet
224Kb / 11P
100V Triple Linear Bias Supply
August 23, 2007
ISL6720AARZ INTERSIL-ISL6720AARZ Datasheet
221Kb / 11P
100V Triple Linear Bias Supply
August 23, 2007
logo
Texas Instruments
LM2476 TI1-LM2476 Datasheet
1Mb / 16P
Monolithic Triple Channel 6.5 ns High Gain CRT Driver and Bias Clamp
logo
Renesas Technology Corp
ISL6720A RENESAS-ISL6720A Datasheet
564Kb / 11P
100V Triple Linear Bias Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com