Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2480 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2480
Description  80V Triple Bias Clamp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2480 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2480 Datasheet HTML 1Page - National Semiconductor (TI) LM2480 Datasheet HTML 2Page - National Semiconductor (TI) LM2480 Datasheet HTML 3Page - National Semiconductor (TI) LM2480 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage, V
CC
+90V
Input Voltage, V
IN
0V to 5V
Storage Temperature Range, T
STG
-65˚C to +150˚C
Lead Temperature (Soldering,
<10sec.)
300˚C
ESD Tolerance
Machine Model
200V
Human Body Model
2KV
Limits of Operating Ranges (Note 3)
V
CC
70V to 85V
V
OUT
10V to V
CC
Ambient Temperature Range, T
A
0 to 70˚C
DC CLAMP ELECTRICAL CHARACTERISTICS TARGETS AND LIMIT
Unless otherwise noted: V
CC = +80V, VIN = 2.25VDC,TA = 25˚C.
Symbol
Spec Parameter
Conditions
Min
Typ
Max
Units
I
CC
Supply Current
All channels
2.1
3.5
mA
V
OUT
DC Output Voltage
42
46
50
V
DC
V
OUT-Range
Output Voltage Range
V
IN Range = 1.0V - 4.0V
53
V
V
OUTSAT
Max Saturation Limit
V
IN = 4.0V
16
V
DC
A
V
DC Voltage Gain
-16
-18
-20
LE
Linearity Error
See Note 1
5
%
R
IN
Input Resistance
34K
Ω
Note 1: Linearity Error is the variation in DC gain from VIN = 1.0V to VIN = 4.0V.
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
Note 3: Operating Ratings indicate conditions for which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and
the test conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics may
change when the device is not operated under the listed test conditions.
Note 4: All voltages are measured with respect to GND, unless otherwise specified.
Test Circuit
Figure 3 shows the test circuit for evaluation of the LM2480 Clamp Amplifier. A high impedance VM (>100M
Ω) is used for DC
measurements at the output.
20008303
FIGURE 3. Test Circuit (One Channel)
www.national.com
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com