Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAB0202002 Datasheet(PDF) 2 Page - Power System Technology

Part # FAB0202002
Description  Train embedded. Converter for automate in security system applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

FAB0202002 Datasheet(HTML) 2 Page - Power System Technology

  FAB0202002 Datasheet HTML 1Page - Power System Technology FAB0202002 Datasheet HTML 2Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Safety :
built to meet EN60950
EMI :
built to meet EN50155, EN55022A, EN50121-3-2, conducted
ENVIRONMENTAL
Storage temperature :
-20°C to +100°C
Operating temperature in natural convection : -10°C to 55°C ambiant, no derating, convection cooled.
ISOLATION
Input to chassis :
1500 Vrms or 2121 Vdc
Input to Output :
3000 Vrms or 4240 Vdc
Output to Chassis :
>100 Mohms at 500 Vdc
GENERAL
SIGNALS
Input OK : led
Output OK : led
Low temp. : Control of a heater resistor for low ambiant temperature operation
FAB0202002
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com