Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAB0202002 Datasheet(PDF) 1 Page - Power System Technology

Part # FAB0202002
Description  Train embedded. Converter for automate in security system applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

FAB0202002 Datasheet(HTML) 1 Page - Power System Technology

  FAB0202002 Datasheet HTML 1Page - Power System Technology FAB0202002 Datasheet HTML 2Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
210 x 150 x 68 mm
INPUT : 66 - 160 Vdc
OUTPUT : 24V 200W
Efficiency : 85% typ.
Convection cooled
APPLICATIONS
Train embedded. Converter for automate in security system applications.
INPUT
Voltage range :
66 - 166V
Nominal :
110 Vdc
I max at 66Vdc :
3,5A for 200W output
Input protection :
fuse 6,3A
transient and surges protected EN50155
reverse polarity protected
OUTPUT
Voltage :
24V +/- 1 %
Current :
8,3A nominal
Trim range
50 % to 110 % of 24Vdc (factory adjustable)
Typ.
Line regulation
Load regulation
Ripple and noise
Current limit
0,02 %
0,5 %
0,5 %
105 to 135 %
of I nominal
Low line to high line ; full load
No load to full load
Peak to peak, nom. Input ; full load
Vout = 95% of nominal ;
Automatic restart
0,2 %
1 %
1 %
Short circuit current
115 %
of Iout nominal
140 %
of Iout nominal
OUTPUT
Conditions
Max.
FAB0202002
1/2


Similar Part No. - FAB0202002

ManufacturerPart #DatasheetDescription
logo
Power System Technology
FAB0202006 PST-FAB0202006 Datasheet
190Kb / 2P
Embedded military application MILSTD704E, MILSTD810
More results

Similar Description - FAB0202002

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM365 ELM-ELM365 Datasheet
30Kb / 4P
SECURITY SYSTEM CONTROLLER
logo
NXP Semiconductors
PIP213-12M NXP-PIP213-12M Datasheet
146Kb / 21P
DC-to-DC converter power train
Rev. 01-25 September 2007
logo
List of Unclassifed Man...
MR-350 ETC2-MR-350 Datasheet
249Kb / 2P
High End Security in a Mainstream System
logo
Axiomtek Co., Ltd.
AX60530 AXIOMTEK-AX60530_16 Datasheet
165Kb / 1P
Compact design for embedded applications
logo
DFI Inc
ST101-CP DFI-ST101-CP Datasheet
1Mb / 2P
Embedded System
VC300-CS DFI-VC300-CS Datasheet
1Mb / 4P
AI-Enabled In-Vehicle Embedded System
logo
silex technology americ...
SX-590 SILEX-SX-590 Datasheet
7Mb / 1P
Enterprise 802.11ac System on Module for Embedded Applications
REV B. 20192903
SX-59HLS SILEX-SX-59HLS Datasheet
6Mb / 2P
Wireless 802.11n System on Module with Enterprise Security for IoT Applications
REV A. 20190424
logo
List of Unclassifed Man...
5CA-00023 ETC-5CA-00023 Datasheet
118Kb / 2P
Windows Embedded Standard 7 Windows Operating System for Embedded Applications (x86/x64)
logo
Renesas Technology Corp
TW2802 RENESAS-TW2802 Datasheet
2Mb / 81P
Multiple Video Decoder for Security Applications
May 19, 2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com