Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2576 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2576
Description  SIMPLE SWITCHER 3A Step-Down Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2576 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM2576 Datasheet HTML 7Page - National Semiconductor (TI) LM2576 Datasheet HTML 8Page - National Semiconductor (TI) LM2576 Datasheet HTML 9Page - National Semiconductor (TI) LM2576 Datasheet HTML 10Page - National Semiconductor (TI) LM2576 Datasheet HTML 11Page - National Semiconductor (TI) LM2576 Datasheet HTML 12Page - National Semiconductor (TI) LM2576 Datasheet HTML 13Page - National Semiconductor (TI) LM2576 Datasheet HTML 14Page - National Semiconductor (TI) LM2576 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LM2576 Series Buck Regulator
Design Procedure
PROCEDURE (Fixed Output Voltage Versions)
EXAMPLE (Fixed Output Voltage Versions)
Given: V
OUT = Regulated Output Voltage (3.3V, 5V, 12V,
or 15V) V
IN(Max) = Maximum Input Voltage ILOAD(Max) =
Maximum Load Current
Given: V
OUT =5VVIN(Max) = 15V ILOAD(Max) = 3A
1. Inductor Selection (L1) A. Select the correct Inductor
value selection guide from Figures 3, 4, 5 or Figure 6.
(Output voltages of 3.3V, 5V, 12V or 15V respectively).
For other output voltages, see the design procedure for
the adjustable version. B. From the inductor value
selection guide, identify the inductance region intersected
by V
IN(Max) and ILOAD(Max), and note the inductor code
for that region. C. Identify the inductor value from the
inductor code, and select an appropriate inductor from
the table shown in Figure 3. Part numbers are listed for
three inductor manufacturers. The inductor chosen must
be rated for operation at the LM2576 switching frequency
(52 kHz) and for a current rating of 1.15 x I
LOAD. For
additional inductor information, see the inductor section
in the Application Hints section of this data sheet.
1. Inductor Selection (L1) A. Use the selection guide
shown in Figure 4. B. From the selection guide, the
inductance area intersected by the 15V line and 3A line
is L100. C. Inductor value required is 100 µH. From the
table in Figure 3. Choose AIE 415-0930, Pulse
Engineering PE92108, or Renco RL2444.
2. Output Capacitor Selection (C
OUT)A. The value of
the output capacitor together with the inductor defines
the dominate pole-pair of the switching regulator loop.
For stable operation and an acceptable output ripple
voltage, (approximately 1% of the output voltage) a value
between 100 µF and 470 µF is recommended. B. The
capacitor’s voltage rating should be at least 1.5 times
greater than the output voltage. For a 5V regulator, a
rating of at least 8V is appropriate, and a 10V or 15V
rating is recommended. Higher voltage electrolytic
capacitors generally have lower ESR numbers, and for
this reason it may be necessary to select a capacitor
rated for a higher voltage than would normally be
needed.
2. Output Capacitor Selection (C
OUT)A. COUT = 680
µF to 2000 µF standard aluminum electrolytic.
B.Capacitor voltage rating = 20V.
3. Catch Diode Selection (D1) A.The catch-diode
current rating must be at least 1.2 times greater than the
maximum load current. Also, if the power supply design
must withstand a continuous output short, the diode
should have a current rating equal to the maximum
current limit of the LM2576. The most stressful condition
for this diode is an overload or shorted output condition.
B. The reverse voltage rating of the diode should be at
least 1.25 times the maximum input voltage.
3. Catch Diode Selection (D1) A.For this example, a 3A
current rating is adequate. B. Use a 20V 1N5823 or
SR302 Schottky diode, or any of the suggested
fast-recovery diodes shown in Figure 8.
4. Input Capacitor (C
IN) An aluminum or tantalum
electrolytic bypass capacitor located close to the
regulator is needed for stable operation.
4. Input Capacitor (C
IN) A 100 µF, 25V aluminum
electrolytic capacitor located near the input and ground
pins provides sufficient bypassing.
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com