Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2576 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2576
Description  SIMPLE SWITCHER 3A Step-Down Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2576 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM2576 Datasheet HTML 9Page - National Semiconductor (TI) LM2576 Datasheet HTML 10Page - National Semiconductor (TI) LM2576 Datasheet HTML 11Page - National Semiconductor (TI) LM2576 Datasheet HTML 12Page - National Semiconductor (TI) LM2576 Datasheet HTML 13Page - National Semiconductor (TI) LM2576 Datasheet HTML 14Page - National Semiconductor (TI) LM2576 Datasheet HTML 15Page - National Semiconductor (TI) LM2576 Datasheet HTML 16Page - National Semiconductor (TI) LM2576 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LM2576 Series Buck Regulator Design Procedure (Continued)
PROCEDURE (Adjustable Output Voltage Versions)
EXAMPLE (Adjustable Output Voltage Versions)
Given: V
OUT = Regulated Output Voltage VIN(Max) =
Maximum Input Voltage I
LOAD(Max) = Maximum Load
Current F = Switching Frequency (Fixed at 52 kHz)
Given: V
OUT = 10V VIN(Max) = 25V ILOAD(Max) = 3A F =
52 kHz
1. Programming Output Voltage (Selecting R1 and R2,
as shown in Figure 2) Use the following formula to select
the appropriate resistor values.
R
1 can be between 1k and 5k. (For best temperature
coefficient and stability with time, use 1% metal film resis-
tors)
1. Programming Output Voltage (Selecting R1 and R2)
R
2 = 1k (8.13 − 1) = 7.13k, closest 1% value is 7.15k
01147613
FIGURE 7. LM2576(HV)-ADJ
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com