Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REC Datasheet(PDF) 3 Page - Copal Electronics

Part # REC
Description  MANUAL SETTING TYPE OPTICAL ENCODERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

REC Datasheet(HTML) 3 Page - Copal Electronics

  REC Datasheet HTML 1Page - Copal Electronics REC Datasheet HTML 2Page - Copal Electronics REC Datasheet HTML 3Page - Copal Electronics REC Datasheet HTML 4Page - Copal Electronics REC Datasheet HTML 5Page - Copal Electronics REC Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2.8
10.4
20
φ
φ
2 –
R0.2
R0.5
2.5
0.5
±0.1
M 9
P = 0.75
9
6.5
1.5
11
20
Lead wire
AWG26
2. Washer
0.5
1
9.4
12.9
φ
φ
M 9
P = 0.75
12
1. Nut
2
Option (Stopper)
O RES20D / REC20D /
RESW20D / RECW20D
Attachment
Vibration
Power OFF
Power OFF
Power OFF
Power ON
Power OFF
Power OFF
Shock
High temperature
exposure
Low temperature
exposure
Humidity
Thermal shock
Power OFF
Power ON
REC/RES
OPTICAL ENCODERS
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.4 (Unit: mm)
O RES20D/RESW20D
(Without click / Without click, With panel seal)
O REC20D/RECW20D
(With click / With click, With panel seal)
Water resistant washer will be provided for panel seal type.
Position stopper (metal piece) is available.
Test item
RELIABILITY TEST
The output shall satisfy the criteria below after the following tests.
Test conditions
Amplitude : 1.52 mm or 98.1 m/s
2 (10 G) whichever is smaller.
10 ~ 500 Hz excursion 15 min/cycle, 8 cycles each for X, Z, directions.
3 times each in directions (X, Z) at 490 m/s
2 (50 G), 11 ms.
80 °C 96 h
(To be measured after leaving samples for 1 h at normal temperature and
humidity after the test.)
50 °C 96 h
− 20 °C 96 h
0 °C 96 h
40 °C Relative humidity 90 ∼ 95 % 96 h
(To be measured after wiping out moisture and leaving samples for 1 h at normal temperature and humidity after the test.)
To be done 10 cycles with the following condition
(To be measured after leaving samples for 1 h at normal temperature and humidity after the test.)
80 °C
± 2 °C 0.5 h、− 20 °C ± 2 °C 0.5 h
The stopper can be provided upon request.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com