Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REC Datasheet(PDF) 5 Page - Copal Electronics

Part # REC
Description  MANUAL SETTING TYPE OPTICAL ENCODERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

REC Datasheet(HTML) 5 Page - Copal Electronics

  REC Datasheet HTML 1Page - Copal Electronics REC Datasheet HTML 2Page - Copal Electronics REC Datasheet HTML 3Page - Copal Electronics REC Datasheet HTML 4Page - Copal Electronics REC Datasheet HTML 5Page - Copal Electronics REC Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Unless otherwise specified, tolerance:
± 0.4
CW
Output “A”
Output “B”
Click spot
T
a
bc
d
CW
Output “A”
Output “B”
a, b, c, d
≧ 1/10T
Click spot
Square wave
Square Wave
CW
T
1/4T1/8T
CCW
Click range
(REC20,REC20C)
Output“B”
Output“A”
1
0
1
0
10
8.5
2.5
4.5
7.5
R10
2 – M 3
Knurl (All surronding area)
Saturated Wave
CW
T
1/2T
1/2T
1/4T1/8T
CCW
Output“B”
Output“A”
a
b
cd
Output “A”
2.5 V
CW
Output “B”
2.5 V
a, b, c, d
≧ 100
μs
■ OUTPUT
O RES20D/REC20D/RESW20D/RECW20D
O REC20/RES20B/REC20C
REC/RES
OPTICAL ENCODERS
(Unit: mm)
O KNOB FOR SETTING ENCODERS
The knobs are sold separately as an optional item.
※ Use a hexagon wrench for
1.5 fastening.
Click spot
O RES20
O RES20 *** Z



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com