Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REC16F Datasheet(PDF) 3 Page - Copal Electronics

Part # REC16F
Description  MANUAL SETTING TYPE OPTICAL ENCODERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

REC16F Datasheet(HTML) 3 Page - Copal Electronics

  REC16F Datasheet HTML 1Page - Copal Electronics REC16F Datasheet HTML 2Page - Copal Electronics REC16F Datasheet HTML 3Page - Copal Electronics REC16F Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
15.7
Pin No
5 – 2.54
1
M9P = 0.75
0.5
16
3.86
6.35
6.5
(8)
(11.55)
CES-106-01-S-S
SOCKET (SAMTEC)
(8.13)
(17.4)
10 0.5
23456
15.7
Pin No
5 – 2.54
1
M9P = 0.75
0.5
16
3.86
6.35
(9.5)
6.35
6.5
(8)
(11.55)
CES-106-01-S-S
SOCKET (SAMTEC)
(8.13)
(17.4)
10 0.5
23456
0.8
± 0.05
3.05
± 0.08
16
φ
3.16
± 0.25
0.5
1
9.4
12.9
φ
φ
M 9
P = 0.75
11
2
Vibration
Power OFF
Power OFF
Power OFF
Power ON
Power OFF
Power OFF
Shock
High temperature
exposure
Low temperature
exposure
Humidity
Thermal shock
Power OFF
Power ON
O single shaft
■ OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.4 (Unit: mm)
O double shaft
Test item
■ RELIABILITY TEST
The output shall satisfy the criteria below after the following tests.
Test conditions
Amplitude : 1.52 mm or 98.1 m/s
2 (10 G) whichever is smaller.
10 ~ 500 Hz excursion 15 min/cycle, 8 cycles each for X, Z, directions.
3 times each in directions (X, Z) at 490 m/s
2 (50 G), 11 ms.
80 °C 96 h
(To be measured after leaving samples for 1 h at normal temperature and
humidity after the test.)
50 °C 96 h
− 20 °C 96 h
0 °C 96 h
40 °C Relative humidity 90 ∼ 95 % 96 h
(To be measured after wiping out moisture and leaving samples for 1 h at normal temperature and humidity after the test.)
To be done 10 cycles with the following condition
(To be measured after leaving samples for 1 h at normal temperature and humidity after the test.)
80 °C 0.5 h、
− 20 °C 0.5 h
REC16D/REC16F
OPTICAL ENCODERS
〈Accessories〉
1. Nut
2. Washer
3. Locking Ring



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com