Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REC16F Datasheet(PDF) 4 Page - Copal Electronics

Part # REC16F
Description  MANUAL SETTING TYPE OPTICAL ENCODERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

REC16F Datasheet(HTML) 4 Page - Copal Electronics

  REC16F Datasheet HTML 1Page - Copal Electronics REC16F Datasheet HTML 2Page - Copal Electronics REC16F Datasheet HTML 3Page - Copal Electronics REC16F Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
15.7
5 – 2.54
Pin No.
Pin
Lot No.
Labl
M9 P=0.75
(17.4)
(8)
(13.58)
(2.58)
6.5
6.35
10 0.5
0.5
16
3.86
12 3
4
5
6
15.7
5 – 2.54
Pin No.
Pin
Lot No.
Labl
M9 P=0.75
(17.4)
(9.5)
6.35
(8)
(13.58)
(2.58)
6.5
6.35
10 0.5
0.5
16
3.86
12 3
4
5
6
905
The following type is available upon receipt of your order.
REC16D/REC16F
OPTICAL ENCODERS
■ PIN ASSIGNMENT
■ REFERENCE
■ OUTPUT CIRCUITRY AND RECEIVING CIRCUITRY
Comp.
2.2 k
Vcc (5 V)
Output “A”, “B”
GND (0 V)
Switch
Encoder output circuit
Receiving circuit
h Comparator IC : 393 equivalent
Switch
Pin No.
Function
1
Power 0 (V)
2
For switch
3
For switch
4
Output “B”
5
Output “A”
6
Power +5 V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com