Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPW08F0Z Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # SPW08F0Z
Description  Industry Standard SMT package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SPW08F0Z Datasheet(HTML) 1 Page - Seoul Semiconductor

  SPW08F0Z Datasheet HTML 1Page - Seoul Semiconductor SPW08F0Z Datasheet HTML 2Page - Seoul Semiconductor SPW08F0Z Datasheet HTML 3Page - Seoul Semiconductor SPW08F0Z Datasheet HTML 4Page - Seoul Semiconductor SPW08F0Z Datasheet HTML 5Page - Seoul Semiconductor SPW08F0Z Datasheet HTML 6Page - Seoul Semiconductor SPW08F0Z Datasheet HTML 7Page - Seoul Semiconductor SPW08F0Z Datasheet HTML 8Page - Seoul Semiconductor SPW08F0Z Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Product Data Sheet
Product Brief
Description
제품사진
•아래규격에 부합하는 이미지만 가능: 없을 경우 마케팅
팀에 의뢰
•고해상도
•흰 배경
•표준크기: 제품이 가득 차게 가로 5cm 규격 으로
사각 위치에 맞게 (가로세로 비율 고정)
Key Applications
Features and Benefits
Key Message:
- ex) Enabling high flux systems while reduces LED count
- ex) Enabling compact systems with high reliability
- ex) High reliability and High quality of light
- ex) Flicker-free AC/DC LED Solution
- ex) High-efficient Dimming Solution
Product Family:
- ex) Mid-Power LED
- ex) High-Power LED for Automotive
- ex) Chip on Board
Product ID (part number):
- ex) STW8C2SA
- ex) SZ5-M0-WN-C8
Description
•
Features and Benefits
•
Key Applications
•
•표는 반드시
“Table 번호#. 표 설명” 을 제목으로 한다.
www.seoulsemicon.com
SPW08F0Z
– P8 Series White
1
Rev4.1, Sep 2, 2015
Applicable for automotive exterior light
SPW08F0Z
P8 Series White
•
It has a substrate made up of a molded
plastic reflector sitting on top of a bent
lead frame(Au Plating).
•
The die is attached within the reflector
cavity and the cavity is encapsulated by
silicone
•
The high reliability feature is crucial to
automotive front, Interior lamp and
General Lights
•
Industry Standard SMT package
•
Low thermal resistance
•
Lead free product
•
RoHS Compliant
•
MSL 2
•
Automotive Exterior Lighting
- Daytime Running Lamp
- Position Lamp
- License Plate Lamp
- Backup Lamp
•
Automotive Interior Lighting
- Room Lamp
- Map Lamp
TV, PC, NB,
MNT, Mobile
Automotive
Lighting, MR16, PAR,
down light
Bulb, LFT
Outdoor, streetlight,
tunnel, parking
Home appliance
Architectural,
Entertainment
Sign, Channel
Sensor, Torch
Application 응용제품 아이콘 삽입
AEC-Q101
RoHS


Similar Part No. - SPW08F0Z

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SPW08F0D SEOUL-SPW08F0D Datasheet
321Kb / 16P
Industry Standard SMT package Low thermal resistance
More results

Similar Description - SPW08F0Z

ManufacturerPart #DatasheetDescription
logo
Power-One
OWS1205 POWER-ONE-OWS1205 Datasheet
269Kb / 3P
Industry Standard Package
logo
Seoul Semiconductor
FAT801-S SEOUL-FAT801-S Datasheet
316Kb / 13P
Industry Standard PLCC SMT package
LUYT801-S SEOUL-LUYT801-S Datasheet
373Kb / 13P
Industry Standard PLCC SMT package
SPW08F0D SEOUL-SPW08F0D Datasheet
321Kb / 16P
Industry Standard SMT package Low thermal resistance
SPW88F0E SEOUL-SPW88F0E Datasheet
387Kb / 17P
Industry Standard SMT package Low thermal resistance
SPWW8F0E SEOUL-SPWW8F0E Datasheet
392Kb / 17P
Industry Standard SMT package Low thermal resistance
UPGT801-S SEOUL-UPGT801-S Datasheet
287Kb / 12P
Industry Standard PLCC SMT package
UYGT801-S SEOUL-UYGT801-S Datasheet
335Kb / 13P
Industry Standard PLCC SMT package
logo
MMD Components
MVAV3 MMD-MVAV3 Datasheet
136Kb / 2P
Industry Standard Package
MVKL2 MMD-MVKL2 Datasheet
85Kb / 1P
Industry Standard Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com