Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPW08F0Z Datasheet(PDF) 11 Page - Seoul Semiconductor

Part # SPW08F0Z
Description  Industry Standard SMT package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SPW08F0Z Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button SPW08F0Z Datasheet HTML 7Page - Seoul Semiconductor SPW08F0Z Datasheet HTML 8Page - Seoul Semiconductor SPW08F0Z Datasheet HTML 9Page - Seoul Semiconductor SPW08F0Z Datasheet HTML 10Page - Seoul Semiconductor SPW08F0Z Datasheet HTML 11Page - Seoul Semiconductor SPW08F0Z Datasheet HTML 12Page - Seoul Semiconductor SPW08F0Z Datasheet HTML 13Page - Seoul Semiconductor SPW08F0Z Datasheet HTML 14Page - Seoul Semiconductor SPW08F0Z Datasheet HTML 15Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
www.seoulsemicon.com
Product Data Sheet
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
11
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
SPW08F0Z
– P8 Series White
Rev4.1, Sep 2, 2015
Color Bin Structure
 Color Bin CIE 그래프는 한 장에 넣는다.
Table 3. Bin Code description, I
F = 150mA
Available ranks
*Notes :
(1) All measurements were made under the standardized environment of Seoul Semiconductor
In order to ensure availability, single color rank will not be orderable.
Part Number
Luminous Flux (lm)
Color
Chromaticity
Coordinate
Forward Voltage (VF)
Bin
Code
Min.
Max.
Bin
Code
Min.
Max.
SPW08F0Z
Q0
32.0
41.5
A
H
3.00
3.25
R0
41.5
54.0
B
I
3.25
3.45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com