Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB0FS12A Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # STB0FS12A
Description  High flux output and high luminance
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STB0FS12A Datasheet(HTML) 1 Page - Seoul Semiconductor

  STB0FS12A Datasheet HTML 1Page - Seoul Semiconductor STB0FS12A Datasheet HTML 2Page - Seoul Semiconductor STB0FS12A Datasheet HTML 3Page - Seoul Semiconductor STB0FS12A Datasheet HTML 4Page - Seoul Semiconductor STB0FS12A Datasheet HTML 5Page - Seoul Semiconductor STB0FS12A Datasheet HTML 6Page - Seoul Semiconductor STB0FS12A Datasheet HTML 7Page - Seoul Semiconductor STB0FS12A Datasheet HTML 8Page - Seoul Semiconductor STB0FS12A Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Product Data Sheet
Product Brief
Description
제품사진
•아래규격에 부합하는 이미지만 가능: 없을 경우 마케팅
팀에 의뢰
•고해상도
•흰 배경
•표준크기: 제품이 가득 차게 가로 5cm 규격 으로
사각 위치에 맞게 (가로세로 비율 고정)
Key Applications
Features and Benefits
Key Message:
- ex) Enabling high Intensity systems while reduces LED
count
- ex) Enabling compact systems with high reliability
- ex) High reliability and High quality of light
- ex) Flicker-free AC/DC LED Solution
- ex) High-efficient Dimming Solution
Product Family:
- ex) Mid-Power LED
- ex) High-Power LED for Automotive
- ex) Chip on Board
Product ID (part number):
- ex) STW8C2SA
- ex) SZ5-M0-WN-C8
Description
•
Features and Benefits
•
Key Applications
• ex) Outdoor area – Streetlight
•표는 반드시
“Table 번호#. 표 설명” 을 제목으로 한다.
www.seoulsemicon.com
1
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
Certificate 아이콘 삽입
(해당되는 아이콘 오른쪽 에서 왼쪽방향으로 순차 삽입)
•Key Applications
•Replacement lamps
•Architectural
•Entertainment
•Retail Display
•Commercial
•Industrial
•Outdoor area
•Off-grid
•Residential
•Consumer portable
•Safety & Security
•Strings & Strips
•Automotive Exterior Lighting
•Automotive Interior Lighting
STB0FS12A - Mid-Power LED
Rev1.3, Dec 21, 2015
Achieving the best system cost in Mid/High Power
STB0FS12A
Mid Power LED
– 2525 series
•
General lighting
•
Replacement lamps
•
Architectural
•
Commercial
Table 1. Product Selection Table
TV, PC, NB,
MNT, Mobile
Automotive
Lighting, MR16, PAR,
down light
Bulb, LFT
Outdoor, streetlight,
tunnel, parking
Home appliance
Architectural,
Entertainment
Sign, Channel
Sensor, Torch
Application 응용제품 아이콘 삽입
(왼쪽 하단부터 오른쪽방향 순차 삽입)
•
High flux output and high luminance
•
Mid to High Power package
•
Compact size package
•
SMT solderable
•
RoHS compliant
RoHS
MacAdam
3-Step
RoHS
•
The package has a substrate made up
of a flexible film and Cu material
•
It incorporates state of the art SMD
design and low thermal resistant
material
•
The package design coupled with
careful selection of component
materials allow these products to
perform with high reliability
Part Number
Dominant Wavelength [nm]
Color
Min.
Typ.
Max.
STB0FS12A
Blue
450
-
460


Similar Part No. - STB0FS12A

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
STB0FS12A SEOUL-STB0FS12A Datasheet
827Kb / 20P
STB0FS12A - Mid-Power LED
STB0FS12A-AD-BA SEOUL-STB0FS12A-AD-BA Datasheet
827Kb / 20P
STB0FS12A - Mid-Power LED
More results

Similar Description - STB0FS12A

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
HR335 SEOUL-HR335 Datasheet
546Kb / 13P
High flux output and high luminance
W49180 SEOUL-W49180 Datasheet
497Kb / 17P
Super high flux output and high luminance
XZ20360 SEOUL-XZ20360 Datasheet
518Kb / 17P
Super high Flux output and high Luminance
SAWW8X1A SEOUL-SAWW8X1A Datasheet
2Mb / 23P
Super high Flux output and high Luminance
SZ5P SEOUL-SZ5P Datasheet
490Kb / 21P
Super high Flux output and high Luminance
SSC-SZ5-P SEOUL-SSC-SZ5-P Datasheet
846Kb / 22P
Super high Flux output and high Luminance
W49180-08 SEOUL-W49180-08 Datasheet
2Mb / 14P
Super high flux output and high luminance
X42180-07 SEOUL-X42180-07 Datasheet
3Mb / 29P
Super high flux output and high luminance
X42180-08 SEOUL-X42180-08 Datasheet
4Mb / 1P
Super high flux output and high luminance
SSC-SZ5-M SEOUL-SSC-SZ5-M Datasheet
1Mb / 22P
Super high Flux output and high Luminance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com