Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB0FS12A Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # STB0FS12A
Description  High flux output and high luminance
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STB0FS12A Datasheet(HTML) 3 Page - Seoul Semiconductor

  STB0FS12A Datasheet HTML 1Page - Seoul Semiconductor STB0FS12A Datasheet HTML 2Page - Seoul Semiconductor STB0FS12A Datasheet HTML 3Page - Seoul Semiconductor STB0FS12A Datasheet HTML 4Page - Seoul Semiconductor STB0FS12A Datasheet HTML 5Page - Seoul Semiconductor STB0FS12A Datasheet HTML 6Page - Seoul Semiconductor STB0FS12A Datasheet HTML 7Page - Seoul Semiconductor STB0FS12A Datasheet HTML 8Page - Seoul Semiconductor STB0FS12A Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
www.seoulsemicon.com
Product Data Sheet
STB0FS12A - Mid-Power LED
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
3
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev1.3, Dec 21, 2015
Performance Characteristics
 전기적 특성 및 광 특성 스펙 테이블
(1) Seoul Semiconductor maintains a tolerance of
7% on Intensity and power measurements.
(2) 2Θ
1/2 is the off-axis where the luminous intensity is 1/2 of the peak intensity.
(3) Thermal resistance is junction to T
S point (Refer to page 12).
•
LED’s properties might be different from suggested values like above and below tables if operation condition
will be exceeded our parameter range. Care is to be taken that power dissipation does not exceed the
absolute maximum rating of the product.
•
Thermal resistance can be increased substantially depending on the heat sink design/operating condition,
and the maximum possible driving current will decrease accordingly.
•
All measurements were made under the standardized environment of Seoul Semiconductor
Table 2. Characteristics, I
F=150mA, Tj= 25ºC, RH30%
Table 3. Absolute Maximum Ratings
Notes :
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Forward Current
I
F
-
150
-
mA
Forward Voltage
V
F
-
3.2
-
V
Radiant Power
-
-
278
-
mW
Dominant Wavelength
λ
dom
450
-
460
nm
Viewing Angle [1]
2
Θ
1/2
-
140
-
Deg.
Thermal resistance (J to S) [2]
Rθ
J-S
-
17
-
℃/W
ESD Sensitivity(HBM)
-
Class 3A JESD22-A114-E
Parameter
Symbol
Value
Unit
Forward Current
I
F
300
mA
Power Dissipation
P
D
1.1
W
Junction Temperature
T
j
125
ºC
Operating Temperature
T
opr
-40 ~ + 85
ºC
Storage Temperature
T
stg
-40 ~ + 100
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com