Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB151S Datasheet(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # DB151S
Description  Low forward voltage drop
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

DB151S Datasheet(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  DB151S Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd DB151S Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd DB151S Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd DB151S Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Green Products
Data Sheet N1476, Rev. B
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
DB151S-DB157S
Marking Diagram:
Where XXXXX is YYWWL
DB151S = Part Name
YY
= Year
WW
= Week
L
= Lot Number
Cautions:Molding resin
Epoxy resin UL: 94V-0
Maximum Ratings and Electrical Characteristics @TA=25°C unless otherwise specified
Characteristic
Symbol
DB15
1S
DB15
2S
DB15
3S
DB15
4S
DB15
5S
DB15
6S
DB15
7S
Unit
Peak Repetitive Reverse Voltage
DC Blocking Voltage
VRRM
VDC
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum average forward rectified
output current
(Note 2)
@TA = 40°C
IO
1.5
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
55
A
Forward Voltage
@IF =1.5A, TJ=25°C
VF
1.1
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage @TA = 125°C
IRM
5.0
500
µA
Typical Thermal Resistance Junction to
Ambient
RθJA
40
°C/W
Typical Thermal Resistance Junction to Lead
RθJL
15
°C/W
Typical Junction Capacitance (Note 2)
CJ
25
pF
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Case Style
DB-S
Note: 1. Mounted on glass epoxy PC board with 1.3mm
2 solder pad.
2. Measured at 1.0 MHZ and applied reverse voltage of 4.0 VDC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com