Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB151S Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # DB151S
Description  Low forward voltage drop
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

DB151S Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  DB151S Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd DB151S Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd DB151S Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd DB151S Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Green Products
Data Sheet N1476, Rev. B
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
DB151S-DB157S
DB151S-DB157S
Single-Phase Glass Passivated Bridge Rectifiers
Features:
•
Glass passivated die construction
•
Low forward voltage drop
•
High current capability
•
High surge current capability
•
Designed for surface mount application
•
Plastic material-UL flammability 94V-0
Mechanical Data:
•
Case: DB-S, molded plastic
•
Terminals: plated leads solderable per MIL-STD-202, Method 208
•
Polarity: as marked on case
•
Mounting position: Any
•
Marking: type number
•
Lead Free: For RoHS / Lead Free Version,
Mechanical Dimensions: In Inches/mm
DB-S


Similar Part No. - DB151S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DB151S RECTRON-DB151S Datasheet
22Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Dc Components
DB151S DCCOM-DB151S Datasheet
395Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Formosa MS
DB151S FORMOSA-DB151S Datasheet
64Kb / 2P
SINGLE PHASE 1.5 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
DB151S BILIN-DB151S Datasheet
74Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Rectron Semiconductor
DB151S RECTRON-DB151S Datasheet
31Kb / 3P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
More results

Similar Description - DB151S

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
30D4 NIEC-30D4 Datasheet
21Kb / 2P
LOW FORWARD VOLTAGE DROP
logo
Kersemi Electronic Co.,...
MBRP3045N KERSEMI-MBRP3045N Datasheet
406Kb / 3P
Low forward voltage drop
logo
Shenzhen Luguang Electr...
SS34L LUGUANG-SS34L Datasheet
281Kb / 2P
Low forward voltage drop
logo
Sangdest Microelectroni...
GBJ20005 SMC-GBJ20005 Datasheet
128Kb / 4P
Low forward voltage drop
MBRD1080CT SMC-MBRD1080CT Datasheet
155Kb / 5P
Low forward voltage drop
logo
DIYI Electronic Technol...
GBPC35005 DYELEC-GBPC35005 Datasheet
2Mb / 2P
Low forward voltage drop
GBU10005 DYELEC-GBU10005 Datasheet
2Mb / 2P
Low forward voltage drop
KBP4005G DYELEC-KBP4005G Datasheet
238Kb / 2P
Low forward voltage drop
logo
Unisonic Technologies
MGBR15L100CL-TA3-T UTC-MGBR15L100CL-TA3-T Datasheet
163Kb / 3P
Low forward voltage drop
TGBR30L60CL-TA3-T UTC-TGBR30L60CL-TA3-T Datasheet
157Kb / 3P
Low forward voltage drop
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com